データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41T0M6T データシート(PDF) 7 Page - STMicroelectronics

部品番号 M41T0M6T
部品情報  SERIAL REAL-TIME CLOCK
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T0M6T データシート(HTML) 7 Page - STMicroelectronics

Back Button M41T0M6T Datasheet HTML 3Page - STMicroelectronics M41T0M6T Datasheet HTML 4Page - STMicroelectronics M41T0M6T Datasheet HTML 5Page - STMicroelectronics M41T0M6T Datasheet HTML 6Page - STMicroelectronics M41T0M6T Datasheet HTML 7Page - STMicroelectronics M41T0M6T Datasheet HTML 8Page - STMicroelectronics M41T0M6T Datasheet HTML 9Page - STMicroelectronics M41T0M6T Datasheet HTML 10Page - STMicroelectronics M41T0M6T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
M41T0
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 3. Operating and AC Measurement Conditions
Note: Output Hi-Z is defined as the point where data is no longer driven.
Figure 5. AC Testing Input/Output Waveform
Table 4. Capacitance
Note: 1. Effective capacitance measured with power supply at 5V; sampled only, not 100% tested.
2. At 25°C, f = 1MHz.
3. Outputs deselected.
Parameter
M41T0
Unit
Supply Voltage (VCC)
2.0 to 5.5
V
Ambient Operating Temperature (TA)
–40 to 85
°C
Load Capacitance (CL)
100
pF
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0.2VCC to 0.8VCC
V
Input and Output Timing Ref. Voltages
0.3VCC to 0.7VCC
V
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance (SCL)
7
pF
COUT
(3)
Output Capacitance (SDA, OUT)
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
50
ns


同様の部品番号 - M41T0M6T

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M41T0M6E STMICROELECTRONICS-M41T0M6E Datasheet
185Kb / 22P
   Serial real-time clock
M41T0M6F STMICROELECTRONICS-M41T0M6F Datasheet
185Kb / 22P
   Serial real-time clock
More results

同様の説明 - M41T0M6T

メーカー部品番号データシート部品情報
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
   Serial Real-Time Clock
2019
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
   Serial real-time clock
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
   Serial Real-Time Clock
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
   SERIAL REAL-TIME CLOCK
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
   Serial Real-Time Clock
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com