データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM26LS31 データシート(PDF) 5 Page - Texas Instruments

部品番号 AM26LS31
部品情報  Quadruple Differential Line Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS31 データシート(HTML) 5 Page - Texas Instruments

  AM26LS31_16 Datasheet HTML 1Page - Texas Instruments AM26LS31_16 Datasheet HTML 2Page - Texas Instruments AM26LS31_16 Datasheet HTML 3Page - Texas Instruments AM26LS31_16 Datasheet HTML 4Page - Texas Instruments AM26LS31_16 Datasheet HTML 5Page - Texas Instruments AM26LS31_16 Datasheet HTML 6Page - Texas Instruments AM26LS31_16 Datasheet HTML 7Page - Texas Instruments AM26LS31_16 Datasheet HTML 8Page - Texas Instruments AM26LS31_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
www.ti.com
SLLS114K – JANUARY 1979 – REVISED JULY 2016
Product Folder Links: AM26LS31 AM26LS31M
Submit Documentation Feedback
Copyright © 1979–2016, Texas Instruments Incorporated
(1)
For C-suffix devices, VCC min = 4.75 V and VCC max = 5.25 V. For M-suffix devices, VCC min = 4.5 V and VCC max = 5.5 V.
(2)
All typical values are at VCC = 5 V and TA = 25°C.
(3)
Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN, II = –18 mA
–1.5
V
VOH
High-level output voltage
VCC = MIN, IOH = –20 mA
2.5
V
VOL
Low-level output voltage
VCC = MIN, IOL = 20 mA
0.5
V
IOZ
Off-state (high-impedance-state)
output current
VCC = MIN,
VO = 0.5 V
–20
μA
VO = 2.5 V
20
II
Input current at maximum input voltage
VCC = MAX, VI = 7 V
0.1
mA
IIH
High-level input current
VCC = MAX, VI = 2.7 V
20
μA
IIL
Low-level input current
VCC = MAX, VI = 0.4 V
–0.36
mA
IOS
Short-circuit output current(3)
VCC = MAX
–30
–150
mA
ICC
Supply current
VCC = MAX, all outputs disabled
32
80
mA
6.6 Switching Characteristics – AM26LS31
TA = 25°C, VCC = 5 V (see Figure 11)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to
high-level output
CL = 30 pF, S1 and S2 open
14
20
ns
tPHL
Propagation delay time, high- to
low-level output
14
20
tPZH
Output enable time to high level
CL = 30 pF
RL = 75 Ω
25
40
ns
tPZL
Output enable time to low level
RL = 180 Ω
37
45
tPHZ
Output disable time from high level
CL = 10 pF, S1 and S2 closed
21
30
ns
tPLZ
Output disable time from low level
23
35
tSKEW
Output-to-output skew
CL = 30 pF, S1 and S2 open
1
6
ns
6.7 Switching Characteristics – AM26LS31M
TA = 25°C, VCC = 5 V (see Figure 11)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tPLH
Propagation delay time, low- to high-
level output
CL = 30 pF, S1 and S2 open
30
ns
tPHL
Propagation delay time, high- to low-
level output
30
tPZH
Output enable time to high level
CL = 30 pF
RL = 75 Ω
60
ns
tPZL
Output enable time to low level
RL = 180 Ω
68
tPHZ
Output disable time from high level
CL = 10 pF, S1 and S2 closed
45
ns
tPLZ
Output disable time from low level
53
tSKEW
Output-to-output skew
CL = 30 pF, S1 and S2 open
9
ns


同様の部品番号 - AM26LS31_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26LS31-W TI-AM26LS31-W Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31C TI-AM26LS31C Datasheet
146Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED OCTOBER 1998
AM26LS31C TI-AM26LS31C Datasheet
849Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31C TI-AM26LS31C Datasheet
813Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
AM26LS31C TI-AM26LS31C Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

同様の説明 - AM26LS31_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com