データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AJAN データシート(PDF) 4 Page - Texas Instruments

部品番号 LM101AJAN
部品情報  Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AJAN データシート(HTML) 4 Page - Texas Instruments

  LM101AJAN_13 Datasheet HTML 1Page - Texas Instruments LM101AJAN_13 Datasheet HTML 2Page - Texas Instruments LM101AJAN_13 Datasheet HTML 3Page - Texas Instruments LM101AJAN_13 Datasheet HTML 4Page - Texas Instruments LM101AJAN_13 Datasheet HTML 5Page - Texas Instruments LM101AJAN_13 Datasheet HTML 6Page - Texas Instruments LM101AJAN_13 Datasheet HTML 7Page - Texas Instruments LM101AJAN_13 Datasheet HTML 8Page - Texas Instruments LM101AJAN_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM101AJAN
SNOSAJ8A – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1)
Supply Voltage
±22V
Differential Input Voltage
±30V
Input Voltage(2)
±15V
Output Short Circuit Duration
Continuous
Operating Ambient Temp. Range
−55°C ≤ TA ≤ +125°C
TJ Max
150°C
Power Dissipation at TA =
LMC-Package
Still Air)
750 mW
25°C(3)
(500 LF / Min Air Flow)
1,200 mW
NAB0008A-Package
(Still Air)
1,000 mW
(500 LF / Min Air Flow)
1,500 mW
J-Package
(Still Air)
1,200mW
(500 LF / Min Air Flow)
2,000mW
NAD0010A-Package
(Still Air)
500mW
(500 LF / Min Air Flow)
800mW
(Still Air)
165°C/W
LMC-Package
(500 LF / Min Air Flow)
89°C/W
(Still Air)
128°C/W
NAB0008A-Package
(500 LF / Min Air Flow)
75°C/W
θJA
(Still Air)
98°C/W
J-Package
(500 LF / Min Air Flow)
59°C/W
Thermal Resistance
(Still Air)
233°C/W
NAD0010A-Package
(500 LF / Min Air Flow)
155°C/W
LMC-Package
39°C/W
NAB0008A-Package
26°C/W
θJC (Typical)
J-Package
24°C/W
NAD0010A-Package
26°C/W
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Lead Temperature (Soldering, 10 sec.)
300°C
ESD Tolerance(4)
3000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device is intended to be functional, but do no ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(2)
For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax − TA) / θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(4)
Human body model, 100 pF discharged through 1.5 k
Ω.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM101AJAN


同様の部品番号 - LM101AJAN_13

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AJAN TI1-LM101AJAN Datasheet
1,014Kb / 24P
[Old version datasheet]   LM101AJAN Operational Amplifiers
More results

同様の説明 - LM101AJAN_13

メーカー部品番号データシート部品情報
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com