データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AJAN データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM101AJAN
部品情報  Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AJAN データシート(HTML) 2 Page - Texas Instruments

  LM101AJAN Datasheet HTML 1Page - Texas Instruments LM101AJAN Datasheet HTML 2Page - Texas Instruments LM101AJAN Datasheet HTML 3Page - Texas Instruments LM101AJAN Datasheet HTML 4Page - Texas Instruments LM101AJAN Datasheet HTML 5Page - Texas Instruments LM101AJAN Datasheet HTML 6Page - Texas Instruments LM101AJAN Datasheet HTML 7Page - Texas Instruments LM101AJAN Datasheet HTML 8Page - Texas Instruments LM101AJAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LM101AJAN
SNOSAJ8A – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
This amplifier offers many features which make its
In addition, the device provides better accuracy
application nearly foolproof: overload protection
and lower noise in high impedance circuitry. The
on the input and output, no latch-up when the
low input currents also make it particularly well
common mode range is exceeded, and freedom
suited for long interval integrators or timers,
from oscillations and compensation with a single
sample and hold circuits and low frequency
30 pF capacitor. It has advantages over internally
waveform generators. Further, replacing circuits
compensated amplifiers in that the frequency
where matched transistor pairs buffer the inputs of
compensation can be tailored to the particular
conventional IC op amps, it can give lower offset
application. For example, in low frequency circuits
voltage and a drift at a lower cost.
it can be overcompensated for increased stability
margin. Or the compensation can be optimized to
give more than a factor of ten improvement in high
frequency performance for most applications.
Schematic
Pin connections shown are for 8-pin packages
Connection Diagrams
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM101AJAN


同様の部品番号 - LM101AJAN

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AJAN TI1-LM101AJAN Datasheet
1,014Kb / 24P
[Old version datasheet]   LM101AJAN Operational Amplifiers
More results

同様の説明 - LM101AJAN

メーカー部品番号データシート部品情報
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com