データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AJAN データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM101AJAN
部品情報  Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AJAN データシート(HTML) 1 Page - Texas Instruments

  LM101AJAN Datasheet HTML 1Page - Texas Instruments LM101AJAN Datasheet HTML 2Page - Texas Instruments LM101AJAN Datasheet HTML 3Page - Texas Instruments LM101AJAN Datasheet HTML 4Page - Texas Instruments LM101AJAN Datasheet HTML 5Page - Texas Instruments LM101AJAN Datasheet HTML 6Page - Texas Instruments LM101AJAN Datasheet HTML 7Page - Texas Instruments LM101AJAN Datasheet HTML 8Page - Texas Instruments LM101AJAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM101AJAN
www.ti.com
SNOSAJ8A – JANUARY 2006 – REVISED MARCH 2013
LM101AJAN Operational Amplifiers
Check for Samples: LM101AJAN
1
FEATURES
DESCRIPTION
The LM101A is a general purpose operational
2
Offset Voltage 3 mV Maximum Over
amplifier which features improved performance over
Temperature
industry standards such as the LM709. Advanced
Input Current 100 nA Maximum Over
processing techniques make possible an order of
Temperature
magnitude reduction in input currents, and a redesign
of the biasing circuitry reduces the temperature drift
Offset Current 20 nA Maximum Over
of input current. Improved specifications include:
Temperature
Offset voltage 3 mV maximum over temperature
Ensured Drift Characteristics
Input current 100 nA maximum over temperature
Offsets Ensured Over Entire Common Mode
Offset current 20 nA maximum over temperature
and Supply Voltage Ranges
Ensured drift characteristics
Slew Rate of 10 V/µS as a Summing Amplifier
Offsets ensured over entire common mode and
supply voltage ranges
Slew rate of 10V/
μs as a summing amplifier
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM101AJAN

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AJAN TI1-LM101AJAN Datasheet
1,014Kb / 24P
[Old version datasheet]   LM101AJAN Operational Amplifiers
More results

同様の説明 - LM101AJAN

メーカー部品番号データシート部品情報
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com