データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1458DRE4 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 MC1458DRE4
部品情報  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

MC1458DRE4 データシート(HTML) 4 Page - Texas Instruments

  MC1458DRE4 Datasheet HTML 1Page - Texas Instruments MC1458DRE4 Datasheet HTML 2Page - Texas Instruments MC1458DRE4 Datasheet HTML 3Page - Texas Instruments MC1458DRE4 Datasheet HTML 4Page - Texas Instruments MC1458DRE4 Datasheet HTML 5Page - Texas Instruments MC1458DRE4 Datasheet HTML 6Page - Texas Instruments MC1458DRE4 Datasheet HTML 7Page - Texas Instruments MC1458DRE4 Datasheet HTML 8Page - Texas Instruments MC1458DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MC1458, MC1558
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS069C − FEBRUARY 1971 − REVISED AUGUST 2010
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VCC± = ±15 V
PARAMETER
TEST CONDITIONS
MC1458
MC1558
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Input offset voltage
V
0
25°C
1
6
1
5
mV
VIO
Input offset voltage
VO = 0
Full range
7.5
6
mV
I
Input offset current
V
0
25°C
20
200
20
200
nA
IIO
Input offset current
VO = 0
Full range
300
500
nA
I
Input bias current
V
0
25°C
80
500
80
500
nA
IIB
Input bias current
VO = 0
Full range
800
1500
nA
V
Common-mode input
25°C
±12
±13
±12
±13
V
VICR
Common mode input
voltage range
Full range
±12
±12
V
RL = 10 kΩ
25°C
±12
±14
±12
±14
V
Maximum peak output
RL ≥ 10 kΩ
Full range
±12
±11
V
VOM
Maximum peak output
voltage swing
RL = 2 kΩ
25°C
±10
±13
±10
±13
V
RL ≥ 2 kΩ
Full range
±10
±10
A
Large-signal differential
R ≥ 2 kΩ
V
±10 V
25°C
20
200
50
200
V/mV
AVD
Large signal differential
voltage amplification
RL ≥ 2 kΩ
,
VO = ±10 V
Full range
15
25
V/mV
BOM
Maximum-output-swing
bandwidth
(closed loop)
RL = 2 kΩ
,
VO ≥ ±10 V,
AVD = 1,
THD ≥ 5%
25°C
14
14
kHz
B1
Unity-gain bandwidth
25°C
1
1
MHz
φm
Phase margin
AVD = 1
25°C
65
65
deg
Gain margin
25°C
11
11
dB
ri
Input resistance
25°C
0.3
2
0.3*
2
ro
Output resistance
VO = 0,
See Note 9
25°C
75
75
Ω
Ci
Input capacitance
25°C
1.4
1.4
pF
zic
Common-mode input
impedance
f = 20 Hz
25°C
200
200
CMRR
Common-mode
VIC = VICR min,
25°C
70
90
70
90
dB
CMRR
Common mode
rejection ratio
VIC = VICR min,
VO = 0
Full range
70
70
dB
k
Supply-voltage
sensitivity
VCC = ±9 V to ±15 V,
25°C
30
150
30
150
V/V
kSVS
sensitivity
(
ΔVIO/ΔVCC)
VCC = ±9 V to ±15 V,
VO = 0
Full range
150
150
μV/V
Vn
Equivalent input noise
voltage (closed loop)
AVD = 100,
RS = 0,
f = 1 kHz,
BW = 1 Hz
25°C
45
45
nV/√Hz
IOS
Short-circuit output
current
25°C
±25
±40
±25
±40
mA
I
Supply current
V
0
No load
25°C
3.4
5.6
3.4
5
mA
ICC
Supply current
(both amplifiers)
VO = 0, No load
Full range
6.6
6.6
mA
P
Total power dissipation
V
0
No load
25°C
100
170
100
150
mW
PD
Total power dissipation
(both amplifiers)
VO = 0, No load
Full range
200
200
mW
VO1/VO2
Crosstalk attenuation
25°C
120
120
dB
*On products compliant to MIL-PRF-38535, this parameter is not production tested.
All characteristics are specified under open-loop operating conditions with zero common-mode input voltage, unless otherwise specified. Full
range for MC1458 is 0°C to 70°C and for MC1558 is −55°C to 125°C.
NOTE 9: This typical value applies only at frequencies above a few hundred hertz because of the effect of drift and thermal feedback.


同様の部品番号 - MC1458DRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
MC1458DRE4 TI-MC1458DRE4 Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

同様の説明 - MC1458DRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PC251 ETC-PC251 Datasheet
106Kb / 2P
   General Purpose Dual Operational Amplifiers
logo
Avic Technology
AV4558 AVICTEK-AV4558 Datasheet
194Kb / 5P
   Dual general purpose operational Amplifiers.
logo
TEXAS ADVANCED OPTOELEC...
UA747C TAOS-UA747C Datasheet
114Kb / 8P
   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
UPC251 ETC-UPC251 Datasheet
778Kb / 4P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
UA747 TI-UA747 Datasheet
112Kb / 8P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA747C TI1-UA747C Datasheet
317Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458_06 Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082_08 Datasheet
337Kb / 17P
   General purpose JFET dual operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com