データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQPF15P12 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FQPF15P12
部品情報  120V P-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF15P12 データシート(HTML) 1 Page - Fairchild Semiconductor

  FQPF15P12 Datasheet HTML 1Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 2Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 3Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 4Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 5Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 6Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 7Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 8Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, December 2003
QFET®
FQP15P12/FQPF15P12
120V P-Channel MOSFET
General Description
These P-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for low voltage applications such as audio amplifier,
high efficiency switching DC/DC converters, and DC motor
control.
Features
• -15A, -120V, RDS(on) = 0.2Ω @VGS = -10 V
• Low gate charge ( typical 29 nC)
• Low Crss ( typical 110 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
* Drain current limited by maximum junction temperature.
Thermal Characteristics
Symbol
Parameter
FQP15P12
FQPF15P12
Units
VDSS
Drain-Source Voltage
-120
V
ID
Drain Current
- Continuous (TC = 25°C)
-15
-15 *
A
- Continuous (TC = 100°C)
-10.6
-10.6 *
A
IDM
Drain Current
- Pulsed
(Note 1)
-60
-60 *
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1157
mJ
IAR
Avalanche Current
(Note 1)
-15
A
EAR
Repetitive Avalanche Energy
(Note 1)
10
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-5.0
V/ns
PD
Power Dissipation (TC = 25°C)
100
41
W
- Derate above 25°C
0.67
0.27
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQP15P12
FQPF15P12
Units
RθJC
Thermal Resistance, Junction-to-Case
1.5
3.66
°C/W
RθJS
Thermal Resistance, Case-to-Sink Typ.
40
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W
TO-220
FQP Series
G
S
D
TO-220F
FQPF Series
G
S
D
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G


同様の部品番号 - FQPF15P12

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQPF10N20 FAIRCHILD-FQPF10N20 Datasheet
777Kb / 8P
   200V N-Channel MOSFET
FQPF10N20C FAIRCHILD-FQPF10N20C Datasheet
875Kb / 10P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF10N20C ISC-FQPF10N20C Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQPF10N20L FAIRCHILD-FQPF10N20L Datasheet
569Kb / 8P
   200V LOGIC N-Channel MOSFET
FQPF10N50CF FAIRCHILD-FQPF10N50CF Datasheet
992Kb / 10P
   500V N-Channel MOSFET Improved dv/dt capability
More results

同様の説明 - FQPF15P12

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB15P12 FAIRCHILD-FQB15P12 Datasheet
652Kb / 9P
   120V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM15P12 KERSEMI-KSM15P12 Datasheet
2Mb / 7P
   120V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSS1206 GOOD-ARK-SSS1206 Datasheet
1Mb / 7P
   120V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB32N12V2 FAIRCHILD-FQB32N12V2 Datasheet
649Kb / 9P
   120V N-Channel MOSFET
FQP32N12V2 FAIRCHILD-FQP32N12V2 Datasheet
857Kb / 10P
   120V N-Channel MOSFET
logo
PFC Device Inc.
PRM010N12CT PFC-PRM010N12CT Datasheet
809Kb / 8P
   120V Single N-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com