データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP3420A データシート(PDF) 2 Page - Texas Instruments

部品番号 TP3420A
部品情報  TP3420A ISDN S/T Interface Device
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TP3420A データシート(HTML) 2 Page - Texas Instruments

  TP3420A_11 Datasheet HTML 1Page - Texas Instruments TP3420A_11 Datasheet HTML 2Page - Texas Instruments TP3420A_11 Datasheet HTML 3Page - Texas Instruments TP3420A_11 Datasheet HTML 4Page - Texas Instruments TP3420A_11 Datasheet HTML 5Page - Texas Instruments TP3420A_11 Datasheet HTML 6Page - Texas Instruments TP3420A_11 Datasheet HTML 7Page - Texas Instruments TP3420A_11 Datasheet HTML 8Page - Texas Instruments TP3420A_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TP3420A
ISDN S/T Interface Device
General Description
The TP3420A is an enhanced version of the TP3420, with a
number of upgraded features for compliance with the new
release of ANSI T1.605-1991 and CCITT I-430. At initial
power-up the device is fully backwards compatible with the
TP3420 device, and modifications to the firmware are only
required to take advantage of the new features.
The TP3420A S Interface Device (SID) is a complete
monolithic transceiver for data transmission on twisted pair
subscriber loops. It is built on National’s advanced 1.0 mi-
cron double-metal CMOS process, and requires only a
single +5V supply. All functions specified in CCITT recom-
mendation I.430 (1991) and ANSI T1.605 (1991) for ISDN
basic access at the “S” and “T” interfaces are provided, and
the device can be configured to operate either in a TE (Ter-
minal Equipment), in an NT-1 or NT-2 (Network Termination)
or as a PABX line-card or trunk-card device.
As specified in I.430, full-duplex transmission at 192 kb/s is
provided on separate transmit and receive twisted wire pairs
using inverted Alternate Mark Inversion (AMI) line coding. 2
“B” channels, each of 64 kb/s, and 1 “D” channel at 16 kb/s
are available for users’ data. In addition, the TP3420A pro-
vides the 800 b/s “S1”, “S2” & “Q” multiframe channels for
Layer 1 maintenance.
All I.430 wiring configurations are supported by the TP3420A
SID, including the “passive bus” for up to 8 TE’s distributed
within
200
meters
of
low
capacitance
cable,
and
point-to-point and point-to-star connections up to at least
1500 meters (24AWG). Adaptive receive signal processing
ensures low bit error rates on any of the standard types of
cable pairs commonly found in premise wiring installations
when tested with the noise sources specified in I.430.
Features
n 2B+D 4-wire 192 kb/s transceiver
n Selectable TE or NT mode
n Exceeds I.430 range: 1.5 km point-to-point
n Adaptive receiver for high noise immunity
n Adaptive and fixed timing options for NT-1
n Clock resynchronizer and elastic buffers for NT-2/LT
n Slave-slave mode for NT-2 trunks
n Extensive hardware support for SC1, SC2 and Q
channel messaging
n Bipolar violation detection and FECV messaging
n Selectable system interface formats
n MICROWIREand SCP compatible serial control
interface
n TP3054/7 Codec/Filter COMBOcompatibility
n Single +5V supply
n 20-pin package DIP, PLCC
Applications
n Same Device for NT, TE and PBX Line Card
n Point-to-Point Range Extended to 1.5 km
n Point-to-Multipoint for all I.430 Configurations
n Easy Interface to:
LAPD Processor
MC68302, HPC16400
Terminal Adapter
MC68302, HPC16400
Codec/Filter COMBO
TP3054/7 and TP3076
“U” Interface Device
TP3410
Line Card Backplanes — No External PLL Needed
n Line Monitor Mode for Test Equipment
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
COMBO, MICROWIREand SIDare trademarks of National Semiconductor Corporation.
PRELIMINARY
July 1994
© 1999 National Semiconductor Corporation
DS009143
www.national.com


同様の部品番号 - TP3420A_11

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
TP3420AJ NSC-TP3420AJ Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AN NSC-TP3420AN Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AV NSC-TP3420AV Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AV309 NSC-TP3420AV309 Datasheet
84Kb / 3P
   Engineering Project Manager
More results

同様の説明 - TP3420A_11

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
TP3420A NSC-TP3420A Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3421 NSC-TP3421 Datasheet
816Kb / 18P
   ISDN S / T INTERFACE DEVICE WITH GCI ( GENERAL CIRCUIT INTERFACE )
logo
Motorola, Inc
MC145574 MOTOROLA-MC145574 Datasheet
1Mb / 164P
   ISDN S/T-Interface Transceiver
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
Winbond
W6691 WINBOND-W6691 Datasheet
465Kb / 106P
   ISDN S/T Interface Transceiver
logo
PCA ELECTRONICS INC.
EPR1260 PCA-EPR1260 Datasheet
45Kb / 1P
   ISDN S/T-Interface Module
logo
NXP Semiconductors
MC145574EVK NXP-MC145574EVK Datasheet
234Kb / 2P
   ISDN S/T-interface Transceiver Evaluation Kit
REV 0
logo
Macronix International
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
   ISDN S/T CONTROLLER
logo
Winbond
W66910 WINBOND-W66910 Datasheet
689Kb / 81P
   TE Mode ISDN S/T-Controller with Microprocessor Interface
logo
Asahi Kasei Microsystem...
AK520S AKM-AK520S Datasheet
1Mb / 8P
   ISDN SINGLE CHIP NT1/(U&S/T-INTERFACE) TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com