データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA005D02 データシート(PDF) 9 Page - Texas Instruments

部品番号 TPA005D02
部品情報  2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA005D02 データシート(HTML) 9 Page - Texas Instruments

Back Button TPA005D02_10 Datasheet HTML 5Page - Texas Instruments TPA005D02_10 Datasheet HTML 6Page - Texas Instruments TPA005D02_10 Datasheet HTML 7Page - Texas Instruments TPA005D02_10 Datasheet HTML 8Page - Texas Instruments TPA005D02_10 Datasheet HTML 9Page - Texas Instruments TPA005D02_10 Datasheet HTML 10Page - Texas Instruments TPA005D02_10 Datasheet HTML 11Page - Texas Instruments TPA005D02_10 Datasheet HTML 12Page - Texas Instruments TPA005D02_10 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TPA005D02
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS227C – AUGUST 1998 – REVISED MARCH 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
GAIN AND PHASE
vs
FREQUENCY
16
4
20
10
50
200
1k
24
0
f – Frequency – Hz
20
100
500
2k
22
18
5k
100k
30
26
28
2
6
10
8
12
14
10k 20k 50k
Po = 2W
RL = 4Ω
–45
°
–40
°
–35
°
–30
°
–25
°
–20
°
–15
°
–10
°
–5
°
0
°
5
°
10
°
15
°
20
°
25
°
30
°
35
°
40
°
45
°
Phase Shift
Voltage Amplification
Figure 8
Figure 9
CROSSTALK
vs
FREQUENCY
–70
–130
–50
50
200
1k
–30
–150
f – Frequency – Hz
20
100
500
2k
–40
–60
5k
20k
0
–20
–10
–140
–120
–100
–110
–90
–80
PO = 2W
RL = 4Ω
Left-to-Right
Right-to-Left
10k
Figure 10
EFFICIENCY
vs
OUTPUT POWER
0
0.4
0.8
1.2
1.6
2.0
RL = 8Ω
PO – Output Power – W
60
50
80
90
40
70
RL = 4Ω


同様の部品番号 - TPA005D02_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA005D02DCA TI-TPA005D02DCA Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA005D02_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com