データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0102 データシート(PDF) 5 Page - Texas Instruments

部品番号 TPA0102
部品情報  1.5-W STEREO AUDIO POWER AMPLIFIER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0102 データシート(HTML) 5 Page - Texas Instruments

  TPA0102_16 Datasheet HTML 1Page - Texas Instruments TPA0102_16 Datasheet HTML 2Page - Texas Instruments TPA0102_16 Datasheet HTML 3Page - Texas Instruments TPA0102_16 Datasheet HTML 4Page - Texas Instruments TPA0102_16 Datasheet HTML 5Page - Texas Instruments TPA0102_16 Datasheet HTML 6Page - Texas Instruments TPA0102_16 Datasheet HTML 7Page - Texas Instruments TPA0102_16 Datasheet HTML 8Page - Texas Instruments TPA0102_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
TPA0102
1.5-W STEREO AUDIO POWER AMPLIFIER
SLOS166E – MARCH 1997 – REVISED MARCH 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ac operating characteristics, VDD = 5 V, TA = 25°C, RL = 4 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 0.2%,
BTL
1.25
W
PO
Output power (each channel) see Note 2
THD = 1%,
BTL
1.5
W
PO
Output power (each channel) see Note 2
THD = 0.2%,
SE
500
mW
THD = 1%,
SE
600
mW
THD+N
Total harmonic distortion plus noise
Po = 1 W,
f = 20 to 20 kHz
200
m%
BOM
Maximum output power bandwidth
G = 10,
THD < 5 %
>20
kHz
BTL
72
°
Phase margin
Open Load
71
°
SE
52
°
Power supply ripple rejection
f = 1 kHz
75
dB
Power supply ripple rejection
f = 20 – 20 kHz,
60
dB
Mute attenuation
85
dB
Channel-to-channel output separation
f = 1 kHz
65
dB
Line/HP input separation
100
dB
BTL attenuation in SE mode
100
dB
ZI
Input impedance
2
M
Signal-to-noise ratio
Po = 500 mW,
BTL
95
dB
Vn
Output noise voltage
25
µV(rms)
NOTE 2: Output power is measured at the output terminals of the IC at 1 kHz.
ac operating characteristics, VDD = 3.3 V, TA = 25°C, RL = 4 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 0.2%
BTL
600
PO
Output power (each channel) see Note 2
THD = 1%
BTL
750
mW
PO
Output power (each channel) see Note 2
THD = 0.2%,
SE
200
mW
THD = 1%,
SE
250
THD+N
Total harmonic distortion plus noise
Po = 600 mW,
f = 20 to 20 kHz
250
m%
BOM
Maximum output power bandwidth
G = 10,
THD < 5 %
>20
kHz
BTL
92
°
Phase margin
Open Load
70
°
SE
57
°
Power supply ripple rejection
f = 1 kHz
70
dB
Power supply ripple rejection
f = 20 – 20 kHz
55
dB
Mute attenuation
85
dB
Channel-to-channel output separation
f = 1 kHz
65
dB
Line/HP input separation
100
dB
BTL attenuation in SE mode
100
dB
ZI
Input impedance
2
M
Signal-to-noise ratio
Po = 500 mW,
BTL
95
dB
Vn
Output noise voltage
25
µV(rms)
NOTE 2
Output power is measured at the output terminals of the IC at 1 kHz.


同様の部品番号 - TPA0102_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0102PWP TI-TPA0102PWP Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA0102_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
[Old version datasheet]   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com