データシートサーチシステム |
|
TPA0102PWP データシート(PDF) 4 Page - Texas Instruments |
|
|
TPA0102PWP データシート(HTML) 4 Page - Texas Instruments |
4 / 45 page TPA0102 1.5-W STEREO AUDIO POWER AMPLIFIER SLOS166E – MARCH 1997 – REVISED MARCH 2000 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VDD 6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI –0.3 V to VDD +0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation internally limited (see Dissipation Rating Table) . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA –40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating junction temperature range, TJ –40 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C DERATING FACTOR TA = 70°C TA = 85°C PWP 2.7 W‡ 21.8 mW/ °C 1.7 W 1.4 W ‡ Please see the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report (literature number SLMA002), for more information on the PowerPAD package. The thermal data was measured on a PCB layout based on the information in the section entitled Texas Instruments Recommended Board for PowerPAD on page 33 of the before mentioned document. recommended operating conditions MIN NOM MAX UNIT Supply voltage, VDD 3 5 5.5 V Operating free air temperature TA VDD = 5 V, 4- Ω stereo BTL drive, 250 mW/ch average power, With proper PCB design –40 85 °C Operating free-air temperature, TA VDD = 5 V, 4- Ω stereo BTL drive, 1.5 W/ch average power, With proper PCB design –40 55 °C Common mode input voltage VICM VDD = 5 V 1.25 4.5 V Common mode input voltage, VICM VDD = 3.3 V 1.25 2.7 V dc electrical characteristics, TA = 25°C PARAMETER TEST CONDITIONS TYP† MAX UNIT Stereo BTL 19 25 mA VDD =5V Stereo SE 9 15 mA VDD = 5 V Mono BTL 9 15 mA IDD Supply current Mono SE 3 10 mA IDD Supply current Stereo BTL 13 20 mA VDD =3 3V Stereo SE 3 10 mA VDD = 3.3 V Mono BTL 3 10 mA Mono SE 3 10 mA VOO Output offset voltage (measured differentially) VDD = 5 V Gain = 2, See Note 1 5 25 mV IDD(MUTE) Supply current in mute mode VDD = 5 V 800 µA IDD(SD) IDD in shutdown VDD = 5 V 5 15 µA NOTE 1: At 3 V < VDD < 5 V the dc output voltage is approximately VDD/2. |
同様の部品番号 - TPA0102PWP |
|
同様の説明 - TPA0102PWP |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |