データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0102 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA0102
部品情報  1.5-W STEREO AUDIO POWER AMPLIFIER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0102 データシート(HTML) 3 Page - Texas Instruments

  TPA0102 Datasheet HTML 1Page - Texas Instruments TPA0102 Datasheet HTML 2Page - Texas Instruments TPA0102 Datasheet HTML 3Page - Texas Instruments TPA0102 Datasheet HTML 4Page - Texas Instruments TPA0102 Datasheet HTML 5Page - Texas Instruments TPA0102 Datasheet HTML 6Page - Texas Instruments TPA0102 Datasheet HTML 7Page - Texas Instruments TPA0102 Datasheet HTML 8Page - Texas Instruments TPA0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
TPA0102
1.5-W STEREO AUDIO POWER AMPLIFIER
SLOS166E – MARCH 1997 – REVISED MARCH 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND/HS
1, 12,
13, 24
Ground connection for circuitry, directly connected to thermal pad
HP/LINE
16
I
Input MUX control input, hold high to select L/RHPIN (5, 20), hold low to select L/RLINEIN (4, 21)
LBYPASS
6
Tap to voltage divider for left channel internal mid-supply bias
LHP IN
5
I
Left channel headphone input, selected when HP/LINE terminal (16) is held high
LLINE IN
4
I
Left channel line input, selected when HP/LINE terminal (16) is held low
LOUT+
3
O
Left channel + output in BTL mode, + output in SE mode
LOUT–
10
O
Left channel – output in BTL mode, high-impedance state in SE mode
LVDD
7
I
Supply voltage input for left channel and for primary bias circuits
MUTE IN
11
I
Mute all amplifiers, hold low for normal operation, hold high to mute
MUTE OUT
9
O
Follows MUTE IN terminal (11), provides buffered output
NC
2, 17, 23
No internal connection
RBYPASS
19
Tap to voltage divider for right channel internal mid–supply bias
RHP IN
20
I
Right channel headphone input, selected when HP/LINE terminal (16) is held high
RLINE IN
21
I
Right channel line input, selected when HP/LINE terminal (16) is held low
ROUT+
22
O
Right channel + output in BTL mode, + output in SE mode
ROUT–
15
O
Right channel – output in BTL mode, high impedance state in SE mode
RVDD
18
I
Supply voltage input for right channel
SE/BTL
14
I
Hold low for BTL mode, hold high for SE mode
SHUTDOWN
8
I
Places entire IC in shutdown mode when held high, IDD < I µA


同様の部品番号 - TPA0102

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102PWP TI-TPA0102PWP Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA0102

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
[Old version datasheet]   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com