データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0242PWPRG4 データシート(PDF) 9 Page - Texas Instruments

部品番号 TPA0242PWPRG4
部品情報  STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0242PWPRG4 データシート(HTML) 9 Page - Texas Instruments

Back Button TPA0242PWPRG4 Datasheet HTML 5Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 6Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 7Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 8Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 9Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 10Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 11Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 12Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
www.ti.com
−100
−120
20
100
−80
1k
10k
RL = 32 Ω
C(BYP) = 0.47 µF
SE
AV = 0 dB
−60
−40
−20
0
f − Frequency − Hz
20k
AV = 14 dB
−120
−80
20
100
1k
10k 20k
f − Frequency − Hz
−90
−100
−110
PO = 1 W
RL = 8 Ω
AV = +20 dB
BTL
−70
−60
LEFT TO RIGHT
RIGHT TO LEFT
−50
−40
−120
−40
20
100
1k
10k 20k
f − Frequency − Hz
−60
−80
−100
VO = 1 VRMS
RL = 10 kΩ
AV = 6 dB
SE
LEFT TO RIGHT
RIGHT TO LEFT
−110
−90
−70
−50
−120
−80
20
100
1k
10k 20k
f − Frequency − Hz
−90
−100
−110
PO = 1 W
RL = 8 Ω
AV = 6 dB
BTL
−70
−60
LEFT TO RIGHT
RIGHT TO LEFT
−50
−40
TPA0242
SLOS287C – NOVEMBER 1999 – REVISED SEPTEMBER 2004
SUPPLY RIPPLE REJECTION RATIO
CROSSTALK
VS
VS
FREQUENCY
FREQUENCY
Figure 15.
Figure 16.
CROSSTALK
CROSSTALK
VS
VS
FREQUENCY
FREQUENCY
Figure 17.
Figure 18.
9


同様の部品番号 - TPA0242PWPRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0242PWP TI-TPA0242PWP Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

同様の説明 - TPA0242PWPRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com