データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2032D1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2032D1
部品情報  2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2032D1 データシート(HTML) 3 Page - Texas Instruments

  TPA2032D1 Datasheet HTML 1Page - Texas Instruments TPA2032D1 Datasheet HTML 2Page - Texas Instruments TPA2032D1 Datasheet HTML 3Page - Texas Instruments TPA2032D1 Datasheet HTML 4Page - Texas Instruments TPA2032D1 Datasheet HTML 5Page - Texas Instruments TPA2032D1 Datasheet HTML 6Page - Texas Instruments TPA2032D1 Datasheet HTML 7Page - Texas Instruments TPA2032D1 Datasheet HTML 8Page - Texas Instruments TPA2032D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA2032D1
TPA2033D1
TPA2034D1
SLOS476 – JUNE 2006
T
A = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPA2032D1
5
25
Output offset voltage
|VOS|
Inputs AC grounded, VDD = 2.5 V to 5.5 V TPA2033D1
5
25
mV
(measured differentially)
TPA2034D1
5
25
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.5 V
–75
-61
dB
VDD = 2.5 V
–69
-52
CMRR
Common mode rejection ratio
VIC = 0.5 V to (VDD –0.8 V)
VDD = 3.6 V
– 69
-52
dB
VDD = 5.5 V
–69
-52
|IIH|
High-level input current
VDD = 5.5 V, VI = 5.8 V
50
µA
|IIL|
Low-level input current
VDD = 5.5 V, VI = –0.3 V
5
µA
VDD = 5.5 V, no load
4
5.7
I(Q)
Quiescent current
VDD = 3.6 V, no load
3
mA
VDD = 2.5 V, no load
2.2
3.7
I(SD)
Shutdown current
V(SHUTDOWN)= 0.35 V, VDD = 2.5 V to 5.5 V
0.5
0.8
µA
VDD = 2.5 V
550
Static drain-source on-state
rDS(on)
VDD = 3.6 V
420
m
resistance
VDD = 5.0 V
350
Output impedance in
V(SHUTDOWN) <= 0.35 V
2
k
SHUTDOWN
f(sw)
Switching frequency
VDD = 2.5 V to 5.5 V
240
300
400
kHz
TPA2032D1
5.5
6
6.5
Gain
VDD = 2.5 V to 5.5 V
TPA2033D1
9.0
9.5
10.0
dB
TPA2034D1
11.5
12
12.5
Resistance of internal pulldown
RPD
resistor from shutdown pin to
300
k
GND
T
A = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
2.75
RL = 4 Ω, THD + N = 10%, f = 1 kHz
VDD = 3.6 V
1.35
W
VDD = 2.5 V
0.59
VDD = 5 V
2.25
RL = 4 Ω, THD + N = 1%, f = 1 kHz
VDD = 3.6 V
1.12
W
VDD = 2.5 V
0.48
PO
Output power
VDD = 5 V
1.68
RL = 8 Ω, THD + N = 10%, f = 1 kHz
VDD = 3.6 V
0.85
W
VDD = 2.5 V
0.38
VDD = 5 V
1.37
RL = 8 Ω, THD + N = 1%, f = 1 kHz
VDD = 3.6 V
0.68
W
VDD = 2.5 V
0.31
VDD = 5 V, PO = 1 W, RL = 8 Ω, f = 1 kHz
0.18%
THD+
Total harmonic distortion plus
VDD = 3.6 V, PO = 0.5 W, RL = 8 Ω, f = 1 kHz
0.11%
N
noise
VDD = 2.5 V, PO = 200 mW, RL = 8 Ω, f = 1 kHz
0.10%
VDD = 3.6 V, Inputs AC grounded
f = 217 Hz,
kSVR
Supply ripple rejection ratio
–73
dB
with CI = 1 µF
V(RIPPLE) = 200 mVpp
SNR
Signal-to-noise ratio
VDD = 5 V, PO = 1 W, RL = 8 Ω, A weighted noise
100
dB
3
Submit Documentation Feedback


同様の部品番号 - TPA2032D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1 Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2032D1YZF TI1-TPA2032D1YZF Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA2032D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com