データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2036D1YZFT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2036D1YZFT
部品情報  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2036D1YZFT データシート(HTML) 5 Page - Texas Instruments

  TPA2036D1YZFT Datasheet HTML 1Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 2Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 3Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 4Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 5Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 6Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 7Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 8Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
TEST SET-UP FOR GRAPHS
TPA2036D1
IN+
IN-
OUT+
OUT-
VDD
GND
CI
CI
RI
RI
Measurement
Output
+
-
1 F
+
-
VDD
Load
30kHz
LowPass
Filter
Measurement
Input
+
-
Notes:
(1)CI wasShortedforanyCommon-Modeinputvoltagemeasurement
(2) A33- Hinductorwasplacedinserieswiththeloadresistortoemulateasmallspeakerforefficiencymeasurements.
(3)The30-kHzlow-passfilterisrequiredeveniftheanalyzerhasaninternallow-passfilter. AnRClowpassfilter(100
,47nF)is
usedoneachoutputforthedatasheetgraphs.
TPA2036D1
www.ti.com.............................................................................................................................................................................................. SLOS589 – OCTOBER 2008
FIGURE
Efficiency
vs Output power
1, 2
PD
Power dissipation
vs Output power
3, 4
Supply current
vs Output power
5, 6
I(Q)
Quiescent current
vs Supply voltage
7
I(SD)
Shutdown current
vs Shutdown voltage
8
vs Supply voltage
9
PO
Output power
vs Load resistance
10, 11
vs Output power
12, 13
THD+N
Total harmonic distortion plus noise
vs Frequency
14, 15, 16, 17
vs Common-mode input voltage
18
KSVR
Supply voltage rejection ratio
vs Frequency
19, 20, 21
vs Time
22
GSM power supply rejection
vs Frequency
23
KSVR
Supply voltage rejection ratio
vs Common-mode input voltage
24
vs Frequency
25
CMRR
Common-mode rejection ratio
vs Common-mode input voltage
26
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA2036D1


同様の部品番号 - TPA2036D1YZFT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2036D1YZF TI-TPA2036D1YZF Datasheet
774Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1YZF TI1-TPA2036D1YZF Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
More results

同様の説明 - TPA2036D1YZFT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2036D1 TI1-TPA2036D1_11 Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1 TI-TPA2036D1 Datasheet
774Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
   Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
   2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com