データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3137D2PWP データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3137D2PWP
部品情報  TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3137D2PWP データシート(HTML) 6 Page - Texas Instruments

Back Button TPA3137D2PWP Datasheet HTML 2Page - Texas Instruments TPA3137D2PWP Datasheet HTML 3Page - Texas Instruments TPA3137D2PWP Datasheet HTML 4Page - Texas Instruments TPA3137D2PWP Datasheet HTML 5Page - Texas Instruments TPA3137D2PWP Datasheet HTML 6Page - Texas Instruments TPA3137D2PWP Datasheet HTML 7Page - Texas Instruments TPA3137D2PWP Datasheet HTML 8Page - Texas Instruments TPA3137D2PWP Datasheet HTML 9Page - Texas Instruments TPA3137D2PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
TPA3137D2
SLOS956A – JUNE 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPA3137D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPA3137D2
UNIT
PWP (HTSSOP)
28 PINS
RθJA
Junction-to-ambient thermal resistance
30.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
33.5
°C/W
RθJB
Junction-to-board thermal resistance
17.5
°C/W
ψJT
Junction-to-top characterization parameter
0.9
°C/W
ψJB
Junction-to-board characterization parameter
7.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
°C/W
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS, TA = 25°C, AVCC = PVCC = 12 V, RL = 6 Ω, using the TPA3137D2 EVM which is available at ti.com. (unless otherwise noted)
| VOS |
Class-D output offset voltage (measured
differentially)
VI = 0 V, Gain = 26 dB
1.5
15
mV
ICC
Quiescent supply current
SD = 2 V, no load, 300 ohm Ferrite Bead + 1nF Output
Filter
35
40
mA
ICC(SD)
Quiescent supply current in shutdown mode
SD = 0.8 V, no load
40
60
µA
rDS(on)
Drain-source on-state resistance
IO = 500 mA, TJ = 25°C
Excluding Metal and
Bond Wire Resistance
High Side
240
m
Ω
Low side
240
G
Gain
25
26
27
dB
ton
Turn-on time
SD = 2 V
14
ms
tOFF
Turn-off time
SD = 0.8 V
2.5
µs
GVDD
Gate drive supply
IGVDD = 2 mA
6.4
6.9
7.4
V
tDCDET
DC detect time
VRINN = 3.1 V and VRINN = 2.9 V, or VRINN = 2.9 V and
VRINN = 3.1 V
950
ms


同様の部品番号 - TPA3137D2PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3130 TI-TPA3130 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3130D2 TI1-TPA3130D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3130D2 TI-TPA3130D2 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3130D2DAP TI1-TPA3130D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3130D2DAP TI1-TPA3130D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
More results

同様の説明 - TPA3137D2PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Eutech Microelectronics...
EUA2380 EUTECH-EUA2380 Datasheet
98Kb / 1P
   10-W Inductor Free Stereo Audio Amplifier with Low EMI
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com