データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3244D2 データシート(PDF) 3 Page - Texas Instruments

部品番号 TPA3244D2
部品情報  40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3244D2 データシート(HTML) 3 Page - Texas Instruments

  TPA3244D2 Datasheet HTML 1Page - Texas Instruments TPA3244D2 Datasheet HTML 2Page - Texas Instruments TPA3244D2 Datasheet HTML 3Page - Texas Instruments TPA3244D2 Datasheet HTML 4Page - Texas Instruments TPA3244D2 Datasheet HTML 5Page - Texas Instruments TPA3244D2 Datasheet HTML 6Page - Texas Instruments TPA3244D2 Datasheet HTML 7Page - Texas Instruments TPA3244D2 Datasheet HTML 8Page - Texas Instruments TPA3244D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Thermal
Pad
1
GVDD_CD
44
BST_D
2
CLIP_OTW
43
BST_C
3
VBG
42
GND
4
FAULT
41
GND
5
RESET
40
OUT_D
6
INPUT_D
39
OUT_D
7
INPUT_C
38
PVDD_CD
8
C_START
37
PVDD_CD
9
AVDD
36
PVDD_CD
10
GND
35
OUT_C
11
GND
34
GND
12
DVDD
33
GND
13
OSC_IOP
32
OUT_B
14
OSC_IOM
31
PVDD_AB
15
FREQ_ADJ
30
PVDD_AB
16
OC_ADJ
29
PVDD_AB
17
INPUT_A
28
OUT_A
18
INPUT_B
27
OUT_A
19
M2
26
GND
20
M1
25
GND
21
VDD
24
BST_B
22
GVDD_AB
23
BST_A
3
TPA3244
www.ti.com
SLASEC6 – APRIL 2016
Product Folder Links: TPA3244
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE NAME
DESCRIPTION
TPA3251D2
175-W Stereo Class-D PurePath™ Ultra-HD Analog Input Audio Power Amplifier
TPA3116D2
50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2
30W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
6 Pin Configuration and Functions
The TPA3244 device is available in a thermally enhanced TSSOP package.
The package type contains a PowerPad™ that is located on the bottom side of the device for thermal connection
to the PCB.
DDV Package
HTSSOP 44-Pin
(Top View)


同様の部品番号 - TPA3244D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3244D2DDW TI1-TPA3244D2DDW Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244D2DDWR TI1-TPA3244D2DDWR Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
More results

同様の説明 - TPA3244D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
[Old version datasheet]   70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com