データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3244D2 データシート(PDF) 9 Page - Texas Instruments

部品番号 TPA3244D2
部品情報  40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3244D2 データシート(HTML) 9 Page - Texas Instruments

Back Button TPA3244D2 Datasheet HTML 5Page - Texas Instruments TPA3244D2 Datasheet HTML 6Page - Texas Instruments TPA3244D2 Datasheet HTML 7Page - Texas Instruments TPA3244D2 Datasheet HTML 8Page - Texas Instruments TPA3244D2 Datasheet HTML 9Page - Texas Instruments TPA3244D2 Datasheet HTML 10Page - Texas Instruments TPA3244D2 Datasheet HTML 11Page - Texas Instruments TPA3244D2 Datasheet HTML 12Page - Texas Instruments TPA3244D2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
I_OC
ROC_ADJ
IOC_max
IOC_min
Not Defined
HS PWM
PWM_X
LS PWM
OC EVENT RESETS
CB3C LATCH
OUTPUT CURRENT
OC THRESHOLD
OCH
HS GATE-DRIVE
LS GATE-DRIVE
RISING EDGE PWM
SETS CB3C LATCH
9
TPA3244
www.ti.com
SLASEC6 – APRIL 2016
Product Folder Links: TPA3244
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
and a drop of real speaker’s load impedance, and allows the output current to be limited to a maximum
programmed level. If the maximum output current persists, i.e. the power stage being overloaded with too low
load impedance, the device will shut down the affected output channel and the affected output is put in a high-
impedance (Hi- Z) state until a RESET cycle is initiated. CB3C works individually for each half bridge output. If an
over current event is triggered, CB3C performs a state flip of the half bridge output that is cleared upon beginning
of next PWM frame.
Figure 4. CB3C Timing Example
During CB3C an over load counter increments for each over current event and decrease for each non-over
current PWM cycle. This allows full amplitude transients into a low speaker impedance without a shutdown
protection action. In the event of a short circuit condition, the over current protection limits the output current by
the CB3C operation and eventually shut down the affected output if the overload counter reaches its maximum
value. If a latched OC operation is required such that the device shuts down the affected output immediately
upon first detected over current event, this protection mode should be selected. The over current threshold and
mode (CB3C or Latched OC) is programmed by the OC_ADJ resistor value. The OC_ADJ resistor needs to be
within its intentional value range for either CB3C operation or Latched OC operation.
Figure 5. OC Threshold versus OC_ADJ Resistor Value Example
OC_ADJ values outside specified value range for either CB3C or latched OC operation will result in minimum OC
threshold.


同様の部品番号 - TPA3244D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3244D2DDW TI1-TPA3244D2DDW Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244D2DDWR TI1-TPA3244D2DDWR Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
More results

同様の説明 - TPA3244D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
[Old version datasheet]   70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com