データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2010D1YEF データシート(PDF) 5 Page - Texas Instruments

部品番号 TPA2010D1YEF
部品情報  2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2010D1YEF データシート(HTML) 5 Page - Texas Instruments

  TPA2010D1YEF Datasheet HTML 1Page - Texas Instruments TPA2010D1YEF Datasheet HTML 2Page - Texas Instruments TPA2010D1YEF Datasheet HTML 3Page - Texas Instruments TPA2010D1YEF Datasheet HTML 4Page - Texas Instruments TPA2010D1YEF Datasheet HTML 5Page - Texas Instruments TPA2010D1YEF Datasheet HTML 6Page - Texas Instruments TPA2010D1YEF Datasheet HTML 7Page - Texas Instruments TPA2010D1YEF Datasheet HTML 8Page - Texas Instruments TPA2010D1YEF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPA2010D1
SLOS417A − OCTOBER 2003 − REVISED DECEMBER 2003
www.ti.com
5
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
Efficiency
vs Output power
1, 2
PD
Power dissipation
vs Output power
3, 4
Supply current
vs Output power
5, 6
I(Q)
Quiescent current
vs Supply voltage
7
I(SD)
Shutdown current
vs Shutdown voltage
8
PO
Output power
vs Supply voltage
9
PO
Output power
vs Load resistance
10, 11
vs Output power
12, 13
THD+N
Total harmonic distortion plus noise
vs Frequency
14, 15, 16, 17
THD+N
Total harmonic distortion plus noise
vs Common-mode input voltage
18
KSVR
Supply voltage rejection ratio
vs Frequency
19, 20, 21
GSM power supply rejection
vs Time
22
GSM power supply rejection
vs Frequency
23
KSVR
Supply voltage rejection ratio
vs Common-mode input voltage
24
CMRR
Common-mode rejection ratio
vs Frequency
25
CMRR
Common-mode rejection ratio
vs Common-mode input voltage
26
TEST SET-UP FOR GRAPHS
TPA2010D1
IN+
IN−
OUT+
OUT−
VDD
GND
CI
CI
RI
RI
Measurement
Output
+
1
µF
+
VDD
Load
30 kHz
Low Pass
Filter
Measurement
Input
+
Notes:
(1) CI was Shorted for any Common-Mode input voltage measurement
(2) A 33-
µH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3) The 30-kHz low-pass filter is required even if the analyzer has an internal low-pass filter. An RC low pass filter (100
Ω, 47 nF) is
used on each output for the data sheet graphs.


同様の部品番号 - TPA2010D1YEF

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEFR TI-TPA2010D1YEFR Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEFR TI1-TPA2010D1YEFR Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2010D1YEFT TI-TPA2010D1YEFT Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEFT TI1-TPA2010D1YEFT Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
More results

同様の説明 - TPA2010D1YEF

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com