データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

YSS902 データシート(PDF) 1 Page - YAMAHA CORPORATION

部品番号 YSS902
部品情報  Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YAMAHA [YAMAHA CORPORATION]
ホームページ  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS902 データシート(HTML) 1 Page - YAMAHA CORPORATION

  YSS902 Datasheet HTML 1Page - YAMAHA CORPORATION YSS902 Datasheet HTML 2Page - YAMAHA CORPORATION YSS902 Datasheet HTML 3Page - YAMAHA CORPORATION YSS902 Datasheet HTML 4Page - YAMAHA CORPORATION YSS902 Datasheet HTML 5Page - YAMAHA CORPORATION YSS902 Datasheet HTML 6Page - YAMAHA CORPORATION YSS902 Datasheet HTML 7Page - YAMAHA CORPORATION YSS902 Datasheet HTML 8Page - YAMAHA CORPORATION YSS902 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
YSS902
AC3D
Dolby Digital (AC-3) / Pro Logic decoder + Sub DSP
YAMAHA CORPORATION
YSS902CATALOG
CATALOG No.:LSI-4SS902A3
1998. 7
INTRODUCTION
The YSS902 is one chip LSI consisting of two built-in DSP’s ; Dolby Digital (AC-3) / Pro Logic (Main DSP) and a
sound processing DSP (Sub DSP). Sub DSP is capable of realizing various sound fields, such as virtual surround, by
down-loading the program and coefficient.
FEATURERS
Dolby Digital 5.1 channel full decode.
24 bit DSP. (Group-A Dolby Digital decoder)
No external memory is required. (Memory for center and surround channel delay is included)
Possible to decode multi-language encoded data. (possible to decode based on data-stream-number)
AC-3 karaoke mode.
Original compression mode as well as four compression modes recommended by Dolby.
Dolby Digital decoding latency is fixed to two audio blocks (512 samples).
Included de-emphasis filter.
Pro Logic decoding for Dolby Digital 2 channels decoded signal as well as ordinary PCM.
High performance 25 MIPS programmable DSP suitable for a variety of sound field processing such as original
surround, filtering, virtual surround etc.
Up to 1.36 second delay time is capable when used with an external 1Mbit SRAM. (at fs= 48 kHz)
Reads Dolby Digital decode information through the microprocessor interface.
Provide total sixteen I/O ports.
Possible to connect most of SPDIF receivers, A/D and D/A converters, by setting I/O data interface format.
Has a built-in PLL oscillation circuit to generates its own operating clock.
Internal operating clock is 25MHz.
Supply Voltage: 3.3v for core logic. 5v for I/Os.
Power saving mode.
Si-gate CMOS process.
100 QFP.(YSS902-F)
Note: "AC-3" and "Pro Logic" are registered trademarks of Dolby Laboratories Licensing Corporation.
Use of this LSI must be licensed by Dolby Laboratories Licensing Corporation.


同様の部品番号 - YSS902

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
YSS901 ETC-YSS901 Datasheet
140Kb / 14P
   SD Stereo dipole
logo
YAMAHA CORPORATION
YSS903 YAMAHA-YSS903 Datasheet
1Mb / 28P
   Karaoke Processor 2 for Video disc player
More results

同様の説明 - YSS902

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
YSS248 ETC-YSS248 Datasheet
1Mb / 12P
   DOLBY AC-3 PRO LOGIC DECODER
logo
YAMAHA CORPORATION
YSS932 YAMAHA-YSS932 Datasheet
403Kb / 23P
   96kHz DIR Dolby Digital / Pro Logic II / DTS decoder Sub DSP
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJU26203A NJRC-NJU26203A Datasheet
215Kb / 11P
   Dolby Pro Logic II Decoder
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com