データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD45N03L データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FQD45N03L
部品情報  N-Channel Logic Level PWM Optimized Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD45N03L データシート(HTML) 3 Page - Fairchild Semiconductor

  FQD45N03L Datasheet HTML 1Page - Fairchild Semiconductor FQD45N03L Datasheet HTML 2Page - Fairchild Semiconductor FQD45N03L Datasheet HTML 3Page - Fairchild Semiconductor FQD45N03L Datasheet HTML 4Page - Fairchild Semiconductor FQD45N03L Datasheet HTML 5Page - Fairchild Semiconductor FQD45N03L Datasheet HTML 6Page - Fairchild Semiconductor FQD45N03L Datasheet HTML 7Page - Fairchild Semiconductor FQD45N03L Datasheet HTML 8Page - Fairchild Semiconductor FQD45N03L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FQD45N03L Rev. B1
Typical Characteristic T
C = 25°C unless otherwise noted
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
0
5
10
15
20
25
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
VGS = 10V
VGS = 5V
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
0.01
2
t, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.5
0.2
0.1
0.05
0.01
0.02
DUTY CYCLE - DESCENDING ORDER
SINGLE PULSE
10
100
10-5
10-4
10-3
10-2
10-1
100
101
500
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 5V
TC = 25
oC
I = I25
150 - TC
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V


同様の部品番号 - FQD45N03L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD4N20 FAIRCHILD-FQD4N20 Datasheet
701Kb / 9P
   200V N-Channel MOSFET
FQD4N20 FAIRCHILD-FQD4N20 Datasheet
781Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
logo
Inchange Semiconductor ...
FQD4N20 ISC-FQD4N20 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Fairchild Semiconductor
FQD4N20L FAIRCHILD-FQD4N20L Datasheet
519Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD4N20L FAIRCHILD-FQD4N20L Datasheet
526Kb / 9P
   200V LOGIC N-Channel MOSFET
More results

同様の説明 - FQD45N03L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB60N03L FAIRCHILD-FQB60N03L Datasheet
238Kb / 11P
   N-Channel Logic Level PWM Optimized Power MOSFET
FQB95N03L FAIRCHILD-FQB95N03L Datasheet
229Kb / 11P
   N-Channel Logic Level PWM Optimized Power MOSFET
FDD6680 FAIRCHILD-FDD6680 Datasheet
199Kb / 6P
   N-Channel Logic Level PWM Optimized PowerTrench??MOSFET
FDS4410 FAIRCHILD-FDS4410 Datasheet
241Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrenchTM MOSFET
FDS6812A FAIRCHILD-FDS6812A Datasheet
79Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898AZ FAIRCHILD-FDS6898AZ_10 Datasheet
332Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6894A FAIRCHILD-FDS6894A Datasheet
82Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6690 FAIRCHILD-FDS6690 Datasheet
203Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6892AZ FAIRCHILD-FDS6892AZ Datasheet
78Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6912_0007 FAIRCHILD-FDS6912_0007 Datasheet
76Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com