データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC-15 データシート(PDF) 1 Page - Cooper Bussmann, Inc.

部品番号 TC-15
部品情報  Edison base CSA plug fuses ??dual-element
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COOPER [Cooper Bussmann, Inc.]
ホームページ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TC-15 データシート(HTML) 1 Page - Cooper Bussmann, Inc.

  TC-15 Datasheet HTML 1Page - Cooper Bussmann, Inc. TC-15 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Edison base CSA plug fuses – dual-element,
time-delay, 125 volts, 15-30 amps
Catalog symbol:
BP/TC - (amps)
TC - (amps)PK4
Description:
Bussmann® series CSA Type D, dual-element,
time-delay Edison base fuse.
Specifications:
Ratings
Volts — 125 Vac or less
Amps — 15 to 30 A
Agency Information
CSA® Certified, Class 1423-01, File 53787
Catalog numbers (amps)
TC - 15
TC - 20
TC - 25
TC - 30
Package quantity and weight
Amp
ratings
Quantity
Weight
Per
box
Per
card
Per
box
Per 5
cards
15 to 30 A
4
3
0.24
1.04
Features:
“D” rating for Canadian applications
Heavy duty, dual-element, time-delay plug
fuses
These fuses thread into fuse receptacles or
box cover units
Edison base size
Industrial strength, featuring an exclusive
dual-element construction
This spring loaded design provides superior
short circuit and overload protection
More time-delay than the medium duty Type
P fuses in order to better protect industrial
motors and optical residential
circuits
Recommended fuse holders
Catalog
numbers
Type
box
Catalog
numbers
Type
box
SOU
2 1/4”
handy
SOY
4”
square
SRU
SRY
SSU
SSY
SOW
2 3/4”
handy
SSY-RL
SRW
STY
SSW
SCY
SOX
4”
octagon
SOY-B
SRX
SSN
Single
gang
Technical Data 1039
Effective May 2016
Supersedes December 1998
BUSSMANN
SERIES


同様の部品番号 - TC-15

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TC-10-01B VISHAY-TC-10-01B Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
TC-10-02B VISHAY-TC-10-02B Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
TC-10-03B VISHAY-TC-10-03B Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
TC-10-04B VISHAY-TC-10-04B Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
TC-10-05B VISHAY-TC-10-05B Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
More results

同様の説明 - TC-15

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
T-310 COOPER-T-310 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element
S-1 COOPER-S-1 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
T-3-10 EATON-T-3-10 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
logo
Cooper Bussmann, Inc.
T-2-1-4 COOPER-T-2-1-4 Datasheet
26Kb / 1P
   Dual-Element, Time-Delay, Edison Base 125 Volts, 1??0 Amps
TL-15 COOPER-TL-15 Datasheet
147Kb / 2P
   Edison base plug fuses ??time-delay, 125 volts, 15-30 amps
logo
Eaton All Rights Reserv...
TL-15 EATON-TL-15 Datasheet
147Kb / 2P
   Edison base plug fuses ??time-delay, 125 volts, 15-30 amps
logo
Cooper Bussmann, Inc.
TL-20 COOPER-TL-20 Datasheet
24Kb / 1P
   Plug Fuses Time-Delay, Edison Base 125 Volts, 15??0 Amps
logo
Eaton All Rights Reserv...
W-1-2 EATON-W-1-2 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Cooper Bussmann, Inc.
W-12 COOPER-W-12 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Eaton All Rights Reserv...
S-1-4 EATON-S-1-4 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com