データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST49C101ACF8-09 データシート(PDF) 3 Page - Exar Corporation

部品番号 ST49C101ACF8-09
部品情報  High Frequency Clock Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST49C101ACF8-09 データシート(HTML) 3 Page - Exar Corporation

  ST49C101ACF8-09 Datasheet HTML 1Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 2Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 3Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 4Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 5Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 6Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 7Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 8Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST49C101A-XX
3
Rev. 2.20
PIN DESCRIPTION
Pin #
Symbol
Type
Description
1
XTAL1
I
Crystal or External Clock Input. A crystal can be connected to this pin
and XTAL2 pin to generate internal phase locked loop reference clock.
For external clock, XTAL2 is left open or used as buffered clock output.
21
OE
I
Clock Output Enable (Active high). CLOCK output is three stated when
this pin is low. Connect to DVCC for normal operation.
3
AGND
O
Analog Ground.
4
DGND
O
Digital Ground.
5
CLOCK
O
Programmed Output Clock.
6DV
CC
I
Positive Supply Voltage. Single +5 or 3.3 volts.
7AV
CC
I
Analog Supply Voltage. Single +5 or 3.3 volts.
8
XTAL2
O
Crystal Output.
Note: 1Has internal weak pull-up resistor
8
1
5
4
2
3
7
6
XTAL2
AVCC
DVCC
CLOCK
XTAL1
OE
AGND
DGND
8 Pin SOIC (Jedec, 0.150")


同様の部品番号 - ST49C101ACF8-09

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST49C107A EXAR-ST49C107A Datasheet
66Kb / 8P
   Preprogrammed CPU Mother Board Frequency Generator
ST49C107ACF14-04 EXAR-ST49C107ACF14-04 Datasheet
66Kb / 8P
   Preprogrammed CPU Mother Board Frequency Generator
More results

同様の説明 - ST49C101ACF8-09

メーカー部品番号データシート部品情報
logo
CTS Corporation
658 CTS-658 Datasheet
148Kb / 5P
   CLOCK, HIGH FREQUENCY MULTIPLIER
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5369 SKYWORKS-SI5369 Datasheet
951Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com