データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST49C101ACF8-10 データシート(PDF) 4 Page - Exar Corporation

部品番号 ST49C101ACF8-10
部品情報  High Frequency Clock Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST49C101ACF8-10 データシート(HTML) 4 Page - Exar Corporation

  ST49C101ACF8-10 Datasheet HTML 1Page - Exar Corporation ST49C101ACF8-10 Datasheet HTML 2Page - Exar Corporation ST49C101ACF8-10 Datasheet HTML 3Page - Exar Corporation ST49C101ACF8-10 Datasheet HTML 4Page - Exar Corporation ST49C101ACF8-10 Datasheet HTML 5Page - Exar Corporation ST49C101ACF8-10 Datasheet HTML 6Page - Exar Corporation ST49C101ACF8-10 Datasheet HTML 7Page - Exar Corporation ST49C101ACF8-10 Datasheet HTML 8Page - Exar Corporation ST49C101ACF8-10 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ST49C101A-XX
4
Rev. 2.20
MULTIPLICATION FACTOR AND OUTPUT FRE-
QUENCY SELECTION
The ST49C101A-XX contains an analog phase locked
loop (PLL) circuit with digital closed loop dividers and
a final output divider to achieve the desired dividing
ratios for the clock output. The preprogrammed multi-
plication factor and output frequency are shown on
Table 1. The accuracy of the output frequency pro-
duced by the ST49C101A-XX depends on its input
frequency and multiplication factor.
APPLICATIONS
Two application examples are shown in Figure 2 and 3.
Figure 2 shows a lower cost high frequency crystal
oscillator circuit using the ST49C101-xx to increase
the fundamental crystal frequency. The crystal Y1 is
connected to XTAL1 and XTAL2 pins to use the
internal oscillator circuit. The oscillator provides the
reference clock to the PLL circuit for clock rate multi-
plication. Figure 3 shows a similar circuit using
external clock input on XTAL1 pin instead.
If a sinewave is used for external clock, it may be
necessary to AC couple the signal with a 0.047uF
capacitor to XTAL1 pin so that the internal circuitry
can establish the proper bias. Also, keep the peak-to-
peak signal, at XTAL pin, above ground level (AGND)
and below AVCC.
As a general board layout rule, it is recommended to
use two 0.01
µF bypass capacitors on DVCC and
AVCC power supply pins, and put them as closely as
possible to the chip.
Notes
1See AC electrical characteristics for maximum operating
frequency.
X
X
-
A
1
0
1
C
9
4
T
Sr
o
t
c
a
F
t
u
p
t
u
O
.
x
a
M
y
c
n
e
u
q
e
r
F
1
C
C
V
1
1
0
-
A
1
0
1
C
9
4
T
S2
1
z
H
M
0
0
2
z
H
M
0
4
1
V
0
.
5
V
3
.
3
3
0
-
A
1
0
1
C
9
4
T
S8
z
H
M
0
0
2
z
H
M
0
4
1
V
0
.
5
V
3
.
3
5
0
-
A
1
0
1
C
9
4
T
S6
z
H
M
0
0
2
z
H
M
0
4
1
V
0
.
5
V
3
.
3
6
0
-
A
1
0
1
C
9
4
T
S4
z
H
M
0
2
1
r
o
0
.
5
V
3
.
3
7
0
-
A
1
0
1
C
9
4
T
S3
z
H
M
0
8
z
H
M
0
7
V
0
.
5
V
3
.
3
8
0
-
A
1
0
1
C
9
4
T
S2
z
H
M
0
8
z
H
M
0
7
V
0
.
5
V
3
.
3
9
0
-
A
1
0
1
C
9
4
T
S5
z
H
M
0
0
2
z
H
M
0
4
1
V
0
.
5
V
3
.
3
0
1
-
A
1
0
1
C
9
4
T
S0
1z
H
M
0
8
1V
3
.
3
3
1
-
A
1
0
1
C
9
4
T
S8
z
H
M
0
8
1V
3
.
3
5
1
-
A
1
0
1
C
9
4
T
S6
z
H
M
0
8
1V
3
.
3
Table 1. Preprogrammed Options


同様の部品番号 - ST49C101ACF8-10

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST49C107A EXAR-ST49C107A Datasheet
66Kb / 8P
   Preprogrammed CPU Mother Board Frequency Generator
ST49C107ACF14-04 EXAR-ST49C107ACF14-04 Datasheet
66Kb / 8P
   Preprogrammed CPU Mother Board Frequency Generator
More results

同様の説明 - ST49C101ACF8-10

メーカー部品番号データシート部品情報
logo
CTS Corporation
658 CTS-658 Datasheet
148Kb / 5P
   CLOCK, HIGH FREQUENCY MULTIPLIER
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5369 SKYWORKS-SI5369 Datasheet
951Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com