データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BY254 データシート(PDF) 1 Page - Diode Semiconductor Korea

部品番号 BY254
部品情報  PLASTIC SILICON RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DSK [Diode Semiconductor Korea]
ホームページ  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BY254 データシート(HTML) 1 Page - Diode Semiconductor Korea

  BY254 Datasheet HTML 1Page - Diode Semiconductor Korea BY254 Datasheet HTML 2Page - Diode Semiconductor Korea BY254 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO-27,molded plas tic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041 ounces, 1.15 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unles s otherwis e specified.
Single phase,half wave,60 Hz,res istive or inductive load. For capacitive load,derate by 20%.
BY
253
BY
254
BY
255
UNITS
Maximum recurrent peak reverse voltage
VRRM
600
800
1300
V
Maximum RMS voltage
VRMS
420
560
910
V
Maximum DC blocking voltage
VDC
600
800
1300
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 3.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note1)
CJ
p F
Typical thermal resistance
(Note2)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
35
BY
251
BY
252
200
400
1.1
20
2. Thermal resistance f rom junction to ambient.
A
BY251(Z)---BY255(Z)
A
10.0
and similar s olvents
IF(AV)
3.0
PLASTIC SILICON RECTIFIERS
The plastic material carries U/L recognition 94V-0
A
100.0
100.0
IFSM
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
- 55 ---- + 150
- 55 ---- + 150
IR
400
280
VOLTAGE RANGE: 200 --- 1300 V
CURRENT: 3.0 A
140
200
Diffused junction
Easily cleaned witn Freon,Alcohol,ls opropanol
DO - 27
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


同様の部品番号 - BY254

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BY254 PANJIT-BY254 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Taiwan Memory Technolog...
BY254 TMT-BY254 Datasheet
173Kb / 4P
   3A, 200V - 800V Silicon Rectifiers
logo
Diotec Semiconductor
BY254 DIOTEC-BY254 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
EIC discrete Semiconduc...
BY254 EIC-BY254 Datasheet
47Kb / 2P
   SILICON RECTIFIER DIODES
logo
Transys Electronics
BY254 TRSYS-BY254 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
More results

同様の説明 - BY254

メーカー部品番号データシート部品情報
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com