データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5Z22A データシート(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

部品番号 SM5Z22A
部品情報  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
ホームページ  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SM5Z22A データシート(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SM5Z22A Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SM5Z22A Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SM5Z22A Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SM5Z22A Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Transient Voltage Suppressors
SM5Z Series 14 To 36 V 3600W
Note:(1)Non-repetitive current pulse per Fig.3 and derated above T A = 25 °C per Fig.1
The SM5Z series is designed specifically to protect sensitive
electronic equipment from voltage transients induced by lightning
and other transient voltage events.
Working Voltage: 14 to 36 V
Peak Pulse Power: 3600 W
Glass passivated chip
3600 W peak pulse power capability with a
10/1000 us waveform, repetitive rate (duty
cycle):0.01 %
T J = 175 °C capability suitable for high reliability
and automotive requirement
Meets ISO7637-2 surge specification (varied by test
condition)Meet AEC-Q101 requirement
Low leakage
Uni-directional polarity
Excellent clamping capability
Very fast response time
RoHS compliant
Use in sensitive electronics protection against voltage transients
induced by inductive load switching and lighting, especially for
automotive load dump protection application
Case: DO-218AB
Epoxy: UL 94V-0 rate flame retardant
Polarity: Heatsink is anode
VRWM
14V to 43V
PPPM (10/1000µs)
3600W
PPPM (10/10000µs)
2800W
P D
5W
I FSM
500A
T J max.
175°C
Package
DO-218AB
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation
with 10/1000µs waveform
PPPM
3600
W
with 10/10000µs waveform
2800
Power Dissipation on Infinite Heat Sink at TL=25°C (Fig.1)
PD
5
W
Peak Pulse Current with a 10/1000µs waveform
I PP
See Next Table
A
Peak forward surge current 8.3 ms single half sine Wave
I FSM
500
A
Operating junction and storage temperature range
T J , T STG
–55 to +175
°C
Typical thermal resistance, junction to case
R θJC
0.90
°C /Watt
Description
Features
Mechanical Data
Primary Characteristics
Applications
Maximum Ratings and Thermal Characteristics (T A =25 ℃ unless otherwise noted)
www.yfwdiode.com


同様の部品番号 - SM5Z22A

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
SM5Z22A LUGUANG-SM5Z22A Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Anova Technologies CO.,...
SM5Z22A ANOVA-SM5Z22A Datasheet
614Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SM5Z22A LUGUANG-SM5Z22A Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SM5Z22A UNSEMI-SM5Z22A Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressors 14 To36 V 3600W
Revision March 1,2022
More results

同様の説明 - SM5Z22A

メーカー部品番号データシート部品情報
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com