データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES1946 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 ES1946
部品情報  PCI AudioDrive Notebook Solution Product Brief
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

ES1946 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  ES1946 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES1946 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES1946 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES1946 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESS Technology, Inc.
SAM0217-030601
3
ES1946 PRODUCT BRIEF
ES1946 PIN DESCRIPTION
Table 1 lists the ES1946 pin descriptions.
Table 1
ES1946 Pin Descriptions
Names
Pin Numbers
I/O
Descriptions
VDDD
1, 17, 64, 80
I
Digital supply voltage (3.0V ± 3.6V).
AD[31:0]
2:7, 9:16,
69:76, 79,
82:88, 98, 99
I/O
Address and data lines from the PCI bus.
CBE[3:0]B
8, 77, 89, 97
I/O
PCI command/byte enable.
XO
18
O
Oscillator output. Connect to external 14.318-MHz crystal.
XI
19
I
Oscillator/external clock input. Connect to external 14.318-MHz crystal or clock source
(must be CMOS levels).
VOLDN
20
I
Active-low volume decrease button input with internal pull-up.
SECS
O
Serial EEPROM chip select.
VOLUP
21
I
Active-low volume increase button input with internal pull-up.
SEDI
O
Serial data output to EEPROM.
MCLK
22
I
Input with internal pull-down. Music serial clock from external wavetable music
synthesizer.
IISCLK
I
Serial shift clock for I2S interface.
MSD
23
I
Input with internal pull-down. Music serial data from external wavetable music synthesizer.
IISDATA
I
Serial data for I2S interface. IIS and hardware wavetable cannot coexist.
GNDD
24, 52, 81, 100
I
Digital ground.
MONO_OUT
25
O
Mono output with source select and volume control (including mute). This pin can drive an
external 5k
Ω AC load.
MONO_IN
26
I
Mono input to mixer and ADC. This pin has an internal pull-up to CMR.
T(A-D)
30:27
I/O
Joystick timer pins. These pins connect to the X-Y positioning variable resistors for the two
joysticks. 5V-tolerant.
SW(A-D)
31:34
I
Active-low joystick switch setting inputs. These SW pins have internal pull-up resistors.
5V-tolerant pins.
AUXB_L,
AUXB_R
35, 36
I
Auxiliary B inputs, left and right. AUXB_L and AUXB_R have internal pull-up resistors to
CMR.
AUXA_L,
AUXA_R
37, 38
I
Auxiliary A inputs, left and right. AUXA_L and AUXA_R have internal pull-up resistors to
CMR.
CMR
39
O
Common mode reference voltage (2.25V ± 5%). Bypass this pin to analog ground with
47-
µF electrolytic in parallel with a 0.1-µF capacitor.
MIC
40
I
Microphone input. MIC has an internal pull-up resistor to CMR.
GNDA
41
I
Analog ground.
CAP3D
42
I
Bypass capacitor to analog ground for 3D effects.
VDDA
43
I
Analog supply voltage (5V ± 5%). Must be greater than or equal to VDDD–0.3V.
FOUT_R,
FOUT_L
44, 45
O
Filter outputs, right and left. AC-coupled externally to CIN_R and CIN_L to remove DC
offsets.
CIN_L, CIN_R
46, 47
I
ADC and first channel DAC mixer inputs. These pins have internal 50k
Ω pull-up resistors
to CMR.
LINE_L, LINE_R
48, 49
I
Line inputs, left and right. LINE_L and LINE_R have internal pull-up resistors to CMR.
AOUT_L,
AOUT_R
50, 51
O
Line-level stereo outputs, left and right. These pins can drive a 5k
Ω AC load.


同様の部品番号 - ES1946

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ES1908A ETC-ES1908A Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
   PCI AudioDrive Solution Product Brief
ES1988 ETC-ES1988 Datasheet
54Kb / 6P
   PCI Audio-Modem Accelerator Product Brief
ES1988S ETC-ES1988S Datasheet
54Kb / 6P
   PCI Audio-Modem Accelerator Product Brief
More results

同様の説明 - ES1946

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
   PCI AudioDrive Solution Product Brief
logo
ESS Technology,Inc
ES1868 ESS-ES1868 Datasheet
362Kb / 4P
   AudioDrive Solution Product Brief
logo
List of Unclassifed Man...
ES1869 ETC-ES1869 Datasheet
85Kb / 4P
   AudioDrive Solution Product Brief
logo
ESS Technology,Inc
ES1990 ESS-ES1990 Datasheet
124Kb / 4P
   Canyon3Dä2LE PCI Audio Accelerator Product Brief
logo
List of Unclassifed Man...
ES1988 ETC-ES1988 Datasheet
54Kb / 6P
   PCI Audio-Modem Accelerator Product Brief
logo
Renesas Technology Corp
TSI381 RENESAS-TSI381 Datasheet
289Kb / 3P
   PCIe® to PCI Bridge Product Brief
August 14, 2009
TSI382 RENESAS-TSI382 Datasheet
395Kb / 3P
   PCIe® to PCI Bridge Product Brief
August 14, 2009
logo
Integrated Device Techn...
CA91L862A-50IL IDT-CA91L862A-50IL Datasheet
83Kb / 2P
   QSpan II??PowerQUICC-to-PCI Bridge Product Brief
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com