データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB08-24-5D データシート(PDF) 1 Page - Arch Electronics Corp.

部品番号 SB08-24-5D
部品情報  Power Module for PCB Mountable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARCH [Arch Electronics Corp.]
ホームページ  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SB08-24-5D データシート(HTML) 1 Page - Arch Electronics Corp.

  SB08-24-5D Datasheet HTML 1Page - Arch Electronics Corp. SB08-24-5D Datasheet HTML 2Page - Arch Electronics Corp. SB08-24-5D Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : B_3
update : 2015.09.08
Encapsulated DC-DC Converter
SB08 SERIES
8 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No. ( Single Output )
SB08-12-3.3S
SB08-12-5S
SB08-12-12S
SB08-12-15S
SB08-12-24S
Input Voltage (V.DC.)
(Note 3)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Output Voltage (V.DC.)
3.3V/2000mA
5V/1500mA
12V/666mA
15V/533mA
24V/333mA
Efficiency
67%
69%
76%
75%
68%
Minimum Load
4%
3%
5%
5%
4%
Model No. ( Single Output )
SB08-24-3.3S
SB08-24-5S
SB08-24-12S
SB08-24-15S
SB08-24-24S
Input Voltage (V.DC.)
(Note 3)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
3.3V/2000mA
5V/1500mA
12V/666mA
15V/533mA
24V/333mA
Efficiency
72%
73%
80%
80%
77%
Minimum Load
3%
3%
4%
4%
4%
Model No. ( Single Output )
SB08-24F-5S
SB08-24F-12S
SB08-24F-15S
Input Voltage (V.DC.)
(Note 3)
24V (9-36V)
24V (9-36V)
24V (9-36V)
Output Voltage (V.DC.)
5V/1500mA
12V/666mA
15V/533mA
Efficiency
66%
72%
71%
Minimum Load
4%
5%
5%
Model No. ( Single Output )
SB08-48-3.3S
SB08-48-5S
SB08-48-12S
SB08-48-15S
SB08-48-24S
Input Voltage (V.DC.)
(Note 3)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
3.3V/2000mA
5V/1500mA
12V/666mA
15V/533mA
24V/333mA
Efficiency
73%
74%
80%
80%
79%
Minimum Load
3%
3%
4%
4%
4%
Model No. ( Single Output )
SB08-48F-5S
Input Voltage (V.DC.)
(Note 3)
48V (18-75V)
Output Voltage (V.DC.)
5V/1500mA
Efficiency
73%
Model No. ( Dual Output )
SB08-12-5D
SB08-12-12D
SB08-12-15D
Input Voltage (V.DC.)
(Note 3)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Output Voltage (V.DC.)
5V / 800mA
12 / 333mA
15 / 267mA
Efficiency
70%
75%
74%
Minimum Load
4%
5%
5%
Model No. ( Dual Output )
SB08-24-5D
SB08-24-12D
SB08-24-15D
Input Voltage (V.DC.)
(Note 3)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
5V / 800mA
12 / 333mA
15 / 267mA
Efficiency
73%
78%
74%
Minimum Load
2%
5%
6%
Model No. ( Dual Output )
SB08-24F-15D
Input Voltage (V.DC.)
(Note 3)
24V (9-36V)
Output Voltage (V.DC.)
15 / 267mA
Efficiency
74%
Model No. ( Dual Output )
SB08-48-5D
SB08-48-12D
SB08-48-15D
Input Voltage (V.DC.)
(Note 3)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
5V / 800mA
12 / 333mA
15 / 267mA
Efficiency
73%
77%
74%
Minimum Load
4%
5%
3%
KEY FEATURES
 Power Module for PCB Mountable
 2:1 & 4:1 Wide Input Range
 Regulated Output
 Low Ripple and Noise
 3-Year Product Warranty


同様の部品番号 - SB08-24-5D

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
SB08-24-5D ARCH-SB08-24-5D Datasheet
120Kb / 3P
   Encapsulated DC-DC Converter
More results

同様の説明 - SB08-24-5D

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
   Power Module for PCB Mountable
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
   Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
   Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
   Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
   Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
   Power Module for PCB Mountable
ST60 ARCH-ST60 Datasheet
191Kb / 2P
   Power Module for PCB Mountable
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
ST15 ARCH-ST15_16 Datasheet
291Kb / 4P
   Power Module for PCB Mountable
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com