データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS2961 データシート(PDF) 3 Page - Semtech Corporation

部品番号 GS2961
部品情報  HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2961 データシート(HTML) 3 Page - Semtech Corporation

  GS2961 Datasheet HTML 1Page - Semtech Corporation GS2961 Datasheet HTML 2Page - Semtech Corporation GS2961 Datasheet HTML 3Page - Semtech Corporation GS2961 Datasheet HTML 4Page - Semtech Corporation GS2961 Datasheet HTML 5Page - Semtech Corporation GS2961 Datasheet HTML 6Page - Semtech Corporation GS2961 Datasheet HTML 7Page - Semtech Corporation GS2961 Datasheet HTML 8Page - Semtech Corporation GS2961 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
GS2961 3Gb/s, HD, SD SDI Receiver, with Integrated
Adaptive Cable Equalizer
Data Sheet
48004 - 2
November 2009
3 of 104
Revision History
Version
ECR
PCN
Date
Changes and/or Modifications
2
153143
53865November 2009
Added reference to GS2960/GS2961
Errata (document number 53117).
Converted to Data Sheet.
1
152698
October 2009
Updated Power numbers in Table 2-3:
DC Electrical Characteristics.
0
151888
June 2009
Conversion to Preliminary Data Sheet.
Corrections to Timing Diagrams in
Figure 4-5, Figure 4-6 and Figure 4-7.
Clarification to Section 4.18.8. Updates
to all sections.
C
151697
April 2009
Updated equalized cable lengths and
power numbers in Key Features, Table
2-4: AC Electrical Characteristics and
Section 4.3.1.
B
151504
March 2009
Changed pin H3 from ‘RSV’ to
‘CORE_GND’ in 1.1 Pin Assignment, 1.2
Pin Descriptions and 5.3 Typical
Application Circuit.
A
151219
February 2009
New Document.


同様の部品番号 - GS2961

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS2961-IBE3 GENNUM-GS2961-IBE3 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS2961A GENNUM-GS2961A Datasheet
7Mb / 104P
   Ancillary data extraction
logo
Semtech Corporation
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results

同様の説明 - GS2961

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2971A SEMTECH-GS2971A Datasheet
4Mb / 152P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com