データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS2961A データシート(PDF) 8 Page - Semtech Corporation

部品番号 GS2961A
部品情報  HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2961A データシート(HTML) 8 Page - Semtech Corporation

Back Button GS2961A Datasheet HTML 4Page - Semtech Corporation GS2961A Datasheet HTML 5Page - Semtech Corporation GS2961A Datasheet HTML 6Page - Semtech Corporation GS2961A Datasheet HTML 7Page - Semtech Corporation GS2961A Datasheet HTML 8Page - Semtech Corporation GS2961A Datasheet HTML 9Page - Semtech Corporation GS2961A Datasheet HTML 10Page - Semtech Corporation GS2961A Datasheet HTML 11Page - Semtech Corporation GS2961A Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
GS2961A 3Gb/s, HD, SD SDI Integrated Receiver
Data Sheet
54385 - 2
September 2012
8 of 104
A5, A6, B5,
B6, C5, C6
STAT[0:5]
Output
MULTI-FUNCTIONAL OUTPUT PORT.
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Each of the STAT [0:5] pins can be configured individually to output
one of the following signals:
Signal
H/HSYNC
V/VSYNC
F/DE
LOCKED
Y/1ANC
C/2ANC
DATA ERROR
VIDEO ERROR
EDH DETECTED
CARRIER DETECT
RATE_DET0
RATE_DET1
Default
STAT0
STAT1
STAT2
STAT3
STAT4
STAT5
A7, D10,
G10, K7
IO_VDD
Input Power
POWER connection for digital I/O. Connect to 3.3V or 1.8V DC
digital.
A8
PCLK
Output
PARALLEL DATA BUS CLOCK
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
3G 10-bit or 20-bit modePCLK @ 148.5 or 148.5/1.001MHz
HD 10-bit modePCLK @ 148.5 or 148.5/1.001MHz
HD 20-bit modePCLK @ 74.25 or 74.25/1.001MHz
SD 10-bit modePCLK @ 27MHz
SD 20-bit modePCLK @ 13.5MHz
(Continued)
Pin
Number
Name
Timing
Type
Description


同様の部品番号 - GS2961A

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS2961A GENNUM-GS2961A Datasheet
7Mb / 104P
   Ancillary data extraction
More results

同様の説明 - GS2961A

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2971A SEMTECH-GS2971A Datasheet
4Mb / 152P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com