データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS2984 データシート(PDF) 6 Page - Semtech Corporation

部品番号 GS2984
部品情報  Adaptive Cable Equalizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2984 データシート(HTML) 6 Page - Semtech Corporation

Back Button GS2984 Datasheet HTML 2Page - Semtech Corporation GS2984 Datasheet HTML 3Page - Semtech Corporation GS2984 Datasheet HTML 4Page - Semtech Corporation GS2984 Datasheet HTML 5Page - Semtech Corporation GS2984 Datasheet HTML 6Page - Semtech Corporation GS2984 Datasheet HTML 7Page - Semtech Corporation GS2984 Datasheet HTML 8Page - Semtech Corporation GS2984 Datasheet HTML 9Page - Semtech Corporation GS2984 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
GS2984 Adaptive Cable Equalizer
Data Sheet
50985 - 3
March 2010
6 of 20
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage
-0.5V to +3.6V DC
Input ESD Voltage (HBM)
5kV
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
-20°C to +85°C
Functional Temperature Range
-40°C to +85°C
Solder Reflow Temperature
260°C
Table 2-1: DC Electrical Characteristics
VCC = 3.3V ±5%, TA = -20°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage
VCC
3.135
3.3
3.465
V
Power Consumption
PD
TA = 25°C
195
250
mW
Supply Current
Is
TA = 25°C
59
mA
Output Common Mode
Voltage
VCMOUT
TA = 25°C
VCMSET - ΔVSDO/2
V
1
Input Common Mode Voltage
VCMIN
TA = 25°C
1.8
V
SQ_ADJ DC Voltage (to mute
signal)
–0m, TA = 25°C
3.2
V
SQ_ADJ Range
TA = 25°C
0.9
V
CD Output Voltage
VCD(OH)
Carrier not
present
2.4
V
VCD(OL)
Carrier present
0.4
V
Mute Input Voltage Required
to Force Outputs to Mute
VMute
Min to Mute
2.0
V
Mute Input Voltage Required
to Force Outputs Active
VMute
Max to
Activate
––
0.8
V
NOTES:
1. VCMSET is the voltage determined by the setting of the CM_SET pin. It will be either 3.3V or 2.5V


同様の部品番号 - GS2984

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS2984 GENNUM-GS2984 Datasheet
916Kb / 20P
   GS2984 Adaptive Cable Equalizer
More results

同様の説明 - GS2984

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com