データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM1231-02SO データシート(PDF) 1 Page - Diodes Incorporated

部品番号 DM1231-02SO
部品情報  2-CHANNEL LOW CAPACITANCE ESD PROTECTION ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DM1231-02SO データシート(HTML) 1 Page - Diodes Incorporated

  DM1231-02SO Datasheet HTML 1Page - Diodes Incorporated DM1231-02SO Datasheet HTML 2Page - Diodes Incorporated DM1231-02SO Datasheet HTML 3Page - Diodes Incorporated DM1231-02SO Datasheet HTML 4Page - Diodes Incorporated DM1231-02SO Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DM1231-02SO
Document number: DS37786 Rev.3
– 2
1 of 5
www.diodes.com
May 2016
© Diodes Incorporated
DM1231-02SO
2-CHANNEL LOW CAPACITANCE ESD PROTECTION ARRAY
Product Summary
VF (Typ)
VP (Typ)
COUT (Typ)
0.8V
5V
1.5pF
Description
DM1231-02SO is a high-performance device suitable for protecting
two high-speed channels. This product is assembled in SOT26
package. It has high ESD surge capability and low capacitance.
Applications
Typically Used for High Speed Ports such as:
USB 2.0
IEEE1394
HDMI
Laptop and Personal Computers
Flat Panel Displays
Video Graphics Displays
SIM Ports
Features
Contact discharge per IEC61000-4-2 standard:
±12 kV (OUT Pins), ±4 kV(IN Pins)
Withstands over 1000 ESD Strikes
1.5pF Typical Capacitance from OUT to VN
Two channels of ESD Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOT26
Case Material:
Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020 (Lead Free Plating).
Solderable per MIL-STD-202, Method 208
Weight: 0.016 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DM1231-02SO-7
Standard
BF4
7
8
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for m
ore information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
SOT26
e3
Top View
PINOUT Diagrams
Device
Schematic


同様の部品番号 - DM1231-02SO

メーカー部品番号データシート部品情報
logo
Sharma Electro Componen...
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
logo
Danisense A/S
DM1200ID DANISENSE-DM1200ID Datasheet
463Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1800A
2023 05 04
DM1200ID-CD3000 DANISENSE-DM1200ID-CD3000 Datasheet
477Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1500A
2022-11-29
DM1200UB-10V DANISENSE-DM1200UB-10V Datasheet
509Kb / 8P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1320A
2022-11-29
DM1200UB-1V DANISENSE-DM1200UB-1V Datasheet
525Kb / 8P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1800A
2022-11-29
More results

同様の説明 - DM1231-02SO

メーカー部品番号データシート部品情報
logo
HY ELECTRONIC CORP.
HYESD1025QG HY-HYESD1025QG Datasheet
196Kb / 2P
   2 Channel Low Capacitance ESD Protection DIode Array
logo
Union Semiconductor, In...
UM5202EEDF UNIONSEMI-UM5202EEDF_14 Datasheet
99Kb / 5P
   Dual Channel Low Capacitance ESD Protection Array
UM5204EECD UNIONSEMI-UM5204EECD Datasheet
198Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A_15 Datasheet
259Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204 UNIONSEMI-UM5204_16 Datasheet
314Kb / 11P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EEXF UNIONSEMI-UM5204EEXF Datasheet
255Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304EEXF UNIONSEMI-UM5304EEXF Datasheet
217Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com