データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV1820F データシート(PDF) 6 Page - Mitel Networks Corporation

部品番号 MV1820F
部品情報  Video Programme Delivery Control Interface Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITEL [Mitel Networks Corporation]
ホームページ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MV1820F データシート(HTML) 6 Page - Mitel Networks Corporation

  MV1820F Datasheet HTML 1Page - Mitel Networks Corporation MV1820F Datasheet HTML 2Page - Mitel Networks Corporation MV1820F Datasheet HTML 3Page - Mitel Networks Corporation MV1820F Datasheet HTML 4Page - Mitel Networks Corporation MV1820F Datasheet HTML 5Page - Mitel Networks Corporation MV1820F Datasheet HTML 6Page - Mitel Networks Corporation MV1820F Datasheet HTML 7Page - Mitel Networks Corporation MV1820F Datasheet HTML 8Page - Mitel Networks Corporation MV1820F Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
The MV1820 is a high speed CMOS receiver for
Programme Delivery Control (PDC) messages broadcast in
World System Teletext (WST) Format Two Broadcast
Service Data Packets (BSDP). The PDC message can be
read on an I
2C bus with data format similar to standard Video
Programming Service (VPS) decoders. Additional data is
appended to include new PDC features.
It is intended for use in Video Cassette Recorders to
provide automatic recording of suitably labelled Television
programmes requested by the user.
FEATURES
I On chip data slicing
I Low external component count
I I2C bus for low cost interfacing
I Advanced CMOS technology gives low power
dissipation and high reliability
ABSOLUTE MAXIMUM RATINGS
Supply voltage
0.3V to 7V
All inputs
-0.3 to VDD +0.3V
Operating temperature
0 to +70
°C
Storage temperature
-55 to 125
°C
ORDERING INFORMATION
MV1820F/CG/DPAS
MV1820F/CG/MPES
PIN
1
2
3
4
5
6
7
8
PIN
16
15
14
13
12
11
10
9
DESCRIPTION
XTI
XTO
DAV
SDA
VDD
SCL
SYNC I/O
DATA I/O
DESCRIPTION
RESET
EXT/INT
BLC
WLC
VIDEO
GND
TCR
AS
7
10
6
11
5
12
4
13
3
14
2
15
1
16
8
76
54321
8
9
10 11 12 13 14 15 16
9
DP16
MP16
Fig.1 Pin connections - top view
Fig.2 MV1820 block diagram
Supersedes version in October 1995 Media IC Handbook, HB3120 - 3.0
DS3106 - 3.0 May 1996
MV1820
Video Programme Delivery Control Interface Circuit


同様の部品番号 - MV1820F

メーカー部品番号データシート部品情報
logo
Zarlink Semiconductor I...
MV1820FCG ZARLINK-MV1820FCG Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
MV1820FDPAS ZARLINK-MV1820FDPAS Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
MV1820FMPES ZARLINK-MV1820FMPES Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
More results

同様の説明 - MV1820F

メーカー部品番号データシート部品情報
logo
Zarlink Semiconductor I...
MV1820 ZARLINK-MV1820 Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
logo
NXP Semiconductors
TDA3504 PHILIPS-TDA3504 Datasheet
108Kb / 12P
   Video control combination circuit
1996 Jan 09
SAA1310 PHILIPS-SAA1310 Datasheet
106Kb / 15P
   Control interface for VHS video recorders
April 1995
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
logo
NXP Semiconductors
TDA3506 PHILIPS-TDA3506 Datasheet
136Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA3507 PHILIPS-TDA3507 Datasheet
144Kb / 14P
   Video control combination circuit with automatic cut-off control
November 1987
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
logo
Siemens Semiconductor G...
SDA5649 SIEMENS-SDA5649 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com