データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UCC27321 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 UCC27321
部品情報  SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UCC27321 データシート(HTML) 1 Page - Texas Instruments

  UCC27321 Datasheet HTML 1Page - Texas Instruments UCC27321 Datasheet HTML 2Page - Texas Instruments UCC27321 Datasheet HTML 3Page - Texas Instruments UCC27321 Datasheet HTML 4Page - Texas Instruments UCC27321 Datasheet HTML 5Page - Texas Instruments UCC27321 Datasheet HTML 6Page - Texas Instruments UCC27321 Datasheet HTML 7Page - Texas Instruments UCC27321 Datasheet HTML 8Page - Texas Instruments UCC27321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504C − SEPTEMBER 2002 − REVISED NOVEMBER 2004
SINGLE 9A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
1
www.ti.com
FEATURES
D Industry-Standard Pin-Out With Addition of
Enable Funtion
D High-Peak Current Drive Capability of ±9 A at
the Miller Plateau Region Using TrueDrive
D Efficient Constant Current Sourcing Using a
Unique BiPolar & CMOS Output Stage
D TTL/CMOS Compatible Inputs Independent
of Supply Voltage
D 20-ns Typical Rise and Fall Times with 10-nF
Load
D Typical Propagation Delay Times of 25 ns
With Input Falling and 35 ns with Input
Rising
D 4-V to 15-V Supply Voltage
D Available in Thermally Enhanced MSOP
PowerPADTM Package With 4.7
°C/W θjc
D Rated From –40°C to 105°C
D Pb-Free Finish (NiPdAu) on SOIC-8 and
PDIP-8 Packages
APPLICATIONS
D Switch Mode Power Supplies
D DC/DC Converters
D Motor Controllers
D Class-D Switching Amplifiers
D Line Drivers
D Pulse Transformer Driver
DESCRIPTION
The UCC37321/2 family of high-speed drivers
deliver 9 A of peak drive current in an industry
standard pinout. These drivers can drive the
largest of MOSFETs for systems requiring
extreme
Miller
current
due
to
high
dV/dt
transitions. This eliminates additional external
circuits and can replace multiple components to
reduce space, design complexity and assembly
cost. Two standard logic options are offered,
inverting
(UCC37321)
and
noninverting
(UCC37322).
PowerPAD
t is trademarks of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
UDG−01112
1
OUT
VDD
IN
3
ENBL
7
VDD
8
INVERTING
NON−
INVERTING
PGND
6
OUT
5
4
AGND
VDD
2
INVERTING
UCC37321
0
0
0
0
1
0
0
1
1
1
1
0
NON−
INVERTING
UCC37322
0
0
0
0
1
0
0
0
1
1
1
1
ENBL
IN
OUT
INPUT/OUTPUT TABLE
RENBL
100 k


同様の部品番号 - UCC27321

メーカー部品番号データシート部品情報
logo
Texas Instruments
UCC27321 TI-UCC27321 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results

同様の説明 - UCC27321

メーカー部品番号データシート部品情報
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com