データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM10N40-1800D データシート(PDF) 1 Page - Analog Power

部品番号 AM10N40-1800D
部品情報  N-Channel 400-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM10N40-1800D データシート(HTML) 1 Page - Analog Power

  AM10N40-1800D Datasheet HTML 1Page - Analog Power AM10N40-1800D Datasheet HTML 2Page - Analog Power AM10N40-1800D Datasheet HTML 3Page - Analog Power AM10N40-1800D Datasheet HTML 4Page - Analog Power AM10N40-1800D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM10N40-1800D
N-Channel 400-V (D-S) MOSFET
VDS (V)
ID (A)
400
4
Symbol
Limit
Units
VDS
400
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
4
IDM
16
IS
4
A
Power Dissipation
a
TC=25°C
PD
50
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
40
RθJC
3
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
A
Maximum Junction-to-Ambient
a
Maximum Junction-to-Case
Gate-Source Voltage
PRODUCT SUMMARY
rDS(on) (mΩ)
1800 @ VGS = 10V
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• Power Supplies
• Motor Drives
• Consumer Electronics
© Preliminary
1
Publication Order Number:
DS_AM10N40-1800D_1A


同様の部品番号 - AM10N40-1800D

メーカー部品番号データシート部品情報
logo
Analog Power
AM10N20-400D ANALOGPOWER-AM10N20-400D Datasheet
338Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM10N20-400D VBSEMI-AM10N20-400D Datasheet
1,007Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM10N20-400D DOINGTER-AM10N20-400D Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
AM10N20-400D-T1-PF VBSEMI-AM10N20-400D-T1-PF Datasheet
1,007Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
Analog Power
AM10N20-750B ANALOGPOWER-AM10N20-750B Datasheet
331Kb / 5P
   N-Channel 200-V (D-S) MOSFET
More results

同様の説明 - AM10N40-1800D

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SI4862DY VISHAY-SI4862DY Datasheet
44Kb / 4P
   N-Channel 16-V (D-S) MOSFET
Rev. B, 14-Apr-03
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com