データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2574N-5 データシート(PDF) 4 Page - ON Semiconductor

部品番号 LM2574N-5
部品情報  0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574N-5 データシート(HTML) 4 Page - ON Semiconductor

  LM2574N-5 Datasheet HTML 1Page - ON Semiconductor LM2574N-5 Datasheet HTML 2Page - ON Semiconductor LM2574N-5 Datasheet HTML 3Page - ON Semiconductor LM2574N-5 Datasheet HTML 4Page - ON Semiconductor LM2574N-5 Datasheet HTML 5Page - ON Semiconductor LM2574N-5 Datasheet HTML 6Page - ON Semiconductor LM2574N-5 Datasheet HTML 7Page - ON Semiconductor LM2574N-5 Datasheet HTML 8Page - ON Semiconductor LM2574N-5 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM2574, NCV2574
www.onsemi.com
4
SYSTEM PARAMETERS ([Note 3] Test Circuit Figure 16)
ELECTRICAL CHARACTERISTICS (continued) (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and
Adjustable version, Vin = 25 V for the 12 V version, Vin = 30 V for the 15 V version. ILoad = 100 mA. For typical values TJ = 25°C, for
min/max values TJ is the operating junction temperature range that applies [Note 4], unless otherwise noted).
Characteristic
Symbol
Min
Typ
Max
Unit
ALL OUTPUT VOLTAGE VERSIONS
Feedback Bias Current Vout = 5.0 V (Adjustable Version Only)
Ib
nA
TJ = 25°C
25
100
TJ = −40 to +125°C
200
Oscillator Frequency (Note 5)
fO
kHz
TJ = 25°C
52
TJ = 0 to +125°C
47
52
58
TJ = −40 to +125°C
42
63
Saturation Voltage (Iout = 0.5 A, [Note 6])
Vsat
V
TJ = 25°C
1.0
1.2
TJ = −40 to +125°C
1.4
Max Duty Cycle (“on”) (Note 7)
DC
93
98
%
Current Limit Peak Current (Notes 5 and 6)
ICL
A
TJ = 25°C
0.7
1.0
1.6
TJ = −40 to +125°C
0.65
1.8
Output Leakage Current (Notes 8 and 9), TJ = 25°C
IL
mA
Output = 0 V
0.6
2.0
Output = − 1.0 V
10
30
Quiescent Current (Note 8)
IQ
mA
TJ = 25°C
5.0
9.0
TJ = −40 to +125°C
11
Standby Quiescent Current (ON/OFF Pin = 5.0 V (“off”))
Istby
mA
TJ = 25°C
60
200
TJ = −40 to +125°C
400
ON/OFF Pin Logic Input Level
V
Vout = 0 V
VIH
TJ = 25°C
2.2
1.4
TJ = −40 to +125°C
2.4
Nominal Output Voltage
VIL
TJ = 25°C
1.2
1.0
TJ = −40 to +125°C
0.8
ON/OFF Pin Input Current
mA
ON/OFF Pin = 5.0 V (“off”), TJ = 25°C
IIH
15
30
ON/OFF Pin = 0 V (“on”), TJ = 25°C
IIL
0
5.0
3. External components such as the catch diode, inductor, input and output capacitors can affect the switching regulator system performance.
When the LM2574 is used as shown in the Figure 16 test circuit, the system performance will be as shown in the system parameters section
of the Electrical Characteristics.
4. Tested junction temperature range for the LM2574, NCV2574: Tlow = −40°C Thigh = +125°C.
5. The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated output
voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power dissipation of the
IC by lowering the minimum duty cycle from 5% down to approximately 2%.
6. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to the output pin.
7. Feedback (Pin 4) removed from output and connected to 0 V.
8. Feedback (Pin 4) removed from output and connected to 12 V for the Adjustable, 3.3 V, and 5.0 V versions, and 25 V for the 12 V and 15 V
versions, to force the output transistor OFF.
9. Vin = 40 V.


同様の部品番号 - LM2574N-5

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM2574N-5 ONSEMI-LM2574N-5 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574N-5 ONSEMI-LM2574N-5 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
National Semiconductor ...
LM2574N-5.0 NSC-LM2574N-5.0 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574N-5.0 TI1-LM2574N-5.0 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574N-5.0/NOPB TI1-LM2574N-5.0/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

同様の説明 - LM2574N-5

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com