データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2574N-5G データシート(PDF) 2 Page - ON Semiconductor

部品番号 LM2574N-5G
部品情報  0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574N-5G データシート(HTML) 2 Page - ON Semiconductor

  LM2574N-5G Datasheet HTML 1Page - ON Semiconductor LM2574N-5G Datasheet HTML 2Page - ON Semiconductor LM2574N-5G Datasheet HTML 3Page - ON Semiconductor LM2574N-5G Datasheet HTML 4Page - ON Semiconductor LM2574N-5G Datasheet HTML 5Page - ON Semiconductor LM2574N-5G Datasheet HTML 6Page - ON Semiconductor LM2574N-5G Datasheet HTML 7Page - ON Semiconductor LM2574N-5G Datasheet HTML 8Page - ON Semiconductor LM2574N-5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM2574, NCV2574
www.onsemi.com
2
Figure 1. Block Diagram and Typical Application
7.0 - 40 V
Unregulated
DC Input
L1
330
mH
Pwr
Gnd
+Vin
5
Cin
22
mF
4ON/OFF
3
Output
7
Feedback
1
D1
1N5819
Cout
220
mF
Typical Application (Fixed Output Voltage Versions)
Representative Block Diagram and Typical Application
Unregulated
DC Input
+Vin
5
Cout
Feedback
1
Cin
L1
D1
R2
R1
1.0 k
Output
7
Pwr Gnd
4
ON/OFF
3
Reset
Latch
Thermal
Shutdown
52 kHz
Oscillator
1.235 V
Band-Gap
Reference
Freq
Shift
18 kHz
Comparator
Fixed Gain
Error Amplifier
Current
Limit
Driver
1.0 Amp
Switch
ON/OFF
3.1 V Internal
Regulator
Vout
Load
Output
Voltage Versions
3.3 V
5.0 V
12 V
15 V
R2
(
W)
1.7 k
3.1 k
8.84 k
11.3 k
For adjustable version
R1 = open, R2 = 0
W
LM2574
5.0 V Regulated
Output 0.5 A Load
Sig
Gnd
2
Sig Gnd
2
(12)
(14)
(3)
(4)
(6)
(5)
(5)
(12)
(3)
(4)
(14)
(6)
NOTE: Pin numbers in ( ) are for the SO−16W package.
ABSOLUTE MAXIMUM RATINGS (Absolute Maximum Ratings indicate limits beyond which damage to the device may occur).
Rating
Symbol
Value
Unit
Maximum Supply Voltage
Vin
45
V
ON/OFF Pin Input Voltage
−0.3 V
≤ V ≤ +Vin
V
Output Voltage to Ground (Steady State)
−1.0
V
DW Suffix, Plastic Package Case 751G
Max Power Dissipation
PD
Internally Limited
W
Thermal Resistance, Junction−to−Air
RqJA
145
°C/W
N Suffix, Plastic Package Case 626
Max Power Dissipation
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
RqJA
100
°C/W
Thermal Resistance, Junction−to−Case
RqJC
5.0
°C/W
Storage Temperature Range
Tstg
−65
°C to +150°C
°C
Minimum ESD Rating
2.0
kV
(Human Body Model: C = 100 pF, R = 1.5 k
W)
Lead Temperature (Soldering, 10 seconds)
260
°C
Maximum Junction Temperature
TJ
150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
NOTE: ESD data available upon request.


同様の部品番号 - LM2574N-5G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM2574N-5G ONSEMI-LM2574N-5G Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
More results

同様の説明 - LM2574N-5G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com