データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24CL04-S データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 FM24CL04-S
部品情報  4Kb FRAM Serial Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM24CL04-S データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  FM24CL04-S Datasheet HTML 1Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FM24CL04
Rev. 2.0
July 2003
Page 3 of 12
Overview
The FM24CL04 is a serial FRAM memory. The
memory array is logically organized as 512 x 8 and is
accessed
using
an
industry
standard
two-wire
interface. Functional operation of the FRAM is
similar to serial EEPROMs. The major difference
between the FM24CL04 and a serial EEPROM with
the same pinout relates to its superior write
performance.
Memory Architecture
When accessing the FM24CL04, the user addresses
512 locations each with 8 data bits. These data bits
are shifted serially. The 512 addresses are accessed
using the two-wire protocol, which includes a slave
address (to distinguish other devices), a page address,
and a word address. The word address consists of 8-
bits that specify one of 256 addresses. The page
address is 1-bit and so there are 2 pages each of 256
locations. The complete address of 9-bits specifies
each byte address uniquely.
Most
functions
of
the
FM24CL04
either
are
controlled by the two-wire interface or are handled
automatically by on-board circuitry. The memory is
read or written at the speed of the two-wire bus.
Unlike an EEPROM, it is not necessary to poll the
device for a ready condition since writes occur at bus
speed. That is, by the time a new bus transaction can
be shifted into the part, a write operation will be
complete. This is explained in more detail in the
interface section below.
Users can expect several obvious system benefits
from the FM24CL04 due to its fast write cycle and
high
endurance
as
compared
with
EEPROM.
However there are less obvious benefits as well. For
example in a high noise environment, the fast-write
operation is less susceptible to corruption than an
EEPROM since it is completed quickly. By contrast
an EEPROM requiring milliseconds to write is
vulnerable to noise during much of the cycle.
Note
that
the
FM24CL04
contains no
power
management circuits other than a simple internal
power-on reset. It is the user’s responsibility to ensure
that VDD is within data sheet tolerances to prevent
incorrect operation.
Two-wire Interface
The FM24CL04 employs a bi-directional two-wire
bus protocol using few pins and little board space.
Figure 2 illustrates a typical system configuration
using the FM24CL04 in a microcontroller-based
system. The industry standard two-wire bus is
familiar to many users but is described in this section.
By convention, any device that is sending data onto
the bus is the transmitter while the target device for
this data is the receiver. The device that is controlling
the bus is the master. The master is responsible for
generating the clock signal for all operations. Any
device on the bus that is being controlled is a slave.
The FM24CL04 is always a slave device.
The bus protocol is controlled by transition states in
the SDA and SCL signals. There are four conditions:
Start, Stop, Data bit, and Acknowledge. Figure 3
illustrates the signal conditions that specify the four
states. Detailed timing diagrams are shown in the
electrical specifications.
Microcontroller
SDA
SCL
FM24CL04
A1 A2
SDA
SCL
FM24CL64
A0 A1 A2
VDD
Rmin = 1.1 K
Rmax = tR/Cbus
Figure 2. Typical System Configuration


同様の部品番号 - FM24CL04-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24CL04-S RAMTRON-FM24CL04-S Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
More results

同様の説明 - FM24CL04-S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com