データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24CL04-S データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 FM24CL04-S
部品情報  4Kb FRAM Serial Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM24CL04-S データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  FM24CL04-S Datasheet HTML 1Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FM24CL04
Rev. 2.0
July 2003
Page 4 of 12
Figure 3. Data Transfer Protocol
Stop Condition
A Stop condition is indicated when the bus master
drives SDA from low to high while the SCL signal is
high. All operations must end with a Stop condition. If
an operation is pending when a stop is asserted, the
operation will be aborted. The master must have
control of SDA (not a memory read) in order to assert
a Stop condition.
Start Condition
A Start condition is indicated when the bus master
drives SDA from high to low while the SCL signal is
high. All read and write transactions begin with a Start
condition. An operation in progress can be aborted by
asserting a Start condition at any time. Aborting an
operation using the Start condition will ready the
FM24CL04 for a new operation.
If during operation the power supply drops below the
specified VDD minimum, the system should issue a
Start condition prior to performing another operation.
Data/Address Transfer
All data transfers (including addresses) take place
while the SCL signal is high. Except under the two
conditions described above, the SDA signal should not
change while SCL is high.
Acknowledge
The Acknowledge takes place after the 8
th data bit has
been transferred in any transaction. During this state
the transmitter should release the SDA bus to allow the
receiver to drive it. The receiver drives the SDA signal
low to acknowledge receipt of the byte. If the receiver
does not drive SDA low, the condition is a No-
Acknowledge and the operation is aborted.
The receiver could fail to acknowledge for two distinct
reasons. First, if a byte transfer fails, the No-
Acknowledge ends the current operation so that the
device can be addressed again. This allows the last
byte to be recovered in the event of a communication
error. Second and most common, the receiver does
not acknowledge the data to deliberately end an
operation. For example, during a read operation, the
FM24CL04 will continue to place data onto the bus
as long as the receiver sends acknowledges (and
clocks). When a read operation is complete and no
more
data
is
needed,
the
receiver
must
not
acknowledge
the
last
byte.
If
the
receiver
acknowledges the last byte, this will cause the
FM24CL04 to attempt to drive the bus on the next
clock while the master is sending a new command
such as a Stop command.
Slave Address
The first byte that the FM24CL04 expects after a
start condition is the slave address. As shown in
Figure 4, the slave address contains the device type,
the device select, the page of memory to be
accessed, and a bit that specifies if the transaction is
a read or a write.
Bits 7-4 are the device type and should be set to
1010b for the FM24CL04. The device type allows
other types of functions to reside on the 2-wire bus
within an identical address range. Bits 3-2 are the
device address. If bit 3 matches the A2 pin and bit 2
matches the A1 pin the device will be selected. Bit 1
is the page select. It specifies the 256-byte block of
memory that is targeted for the current operation. Bit
0 is the read/write bit. A 0 indicates a write
operation.
Word Address
After the FM24CL04 (as receiver) acknowledges the
slave ID, the master will place the word address on
the bus for a write operation. The word address is
the lower 8-bits of the address to be combined with
the 1-bit page select to specify exactly the byte to be
written. The complete 9-bit address is latched
internally.


同様の部品番号 - FM24CL04-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24CL04-S RAMTRON-FM24CL04-S Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
More results

同様の説明 - FM24CL04-S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com