データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24CL04-S データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 FM24CL04-S
部品情報  4Kb FRAM Serial Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM24CL04-S データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  FM24CL04-S Datasheet HTML 1Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FM24CL04
Rev. 2.0
July 2003
Page 5 of 12
Figure 4. Slave Address
No word address occurs for a read operation. Reads
always use the lower 8-bits that are held internally in
the address latch and the 9
th address bit is part of the
slave address. Reads always begin at the address
following the previous access. A random read address
can be loaded by doing a write operation as explained
below.
After transmission of each data byte, just prior to the
acknowledge, the FM24CL04 increments the internal
address latch. This allows the next sequential byte to
be accessed with no additional addressing. After the
last address (1FFh) is reached, the address latch will
roll over to 000h. There is no limit to the number of
bytes that can be accessed with a single read or write
operation.
Data Transfer
After all address information has been transmitted,
data transfer between the bus master and the
FM24CL04 can begin. For a read operation the
FM24CL04 will place 8 data bits on the bus then wait
for an acknowledge. If the acknowledge occurs, the
next sequential byte will be transferred. If the
acknowledge is not sent, the read operation is
concluded. For a write operation, the FM24CL04 will
accept 8 data bits from the master then send an
acknowledge. All data transfer occurs MSB (most
significant bit) first.
Memory Operation
The FM24CL04 is designed to operate in a manner
very similar to other 2-wire interface memory
products. The major differences result from the
higher performance write capability of FRAM
technology. These improvements result in some
differences between the FM24CL04 and a similar
configuration EEPROM during writes. The complete
operation for both writes and reads is explained
below.
Write Operation
All writes begin with a slave address then a word
address. The bus master indicates a write operation
by setting the LSB of the Slave address to a 0. After
addressing, the bus master sends each byte of data to
the
memory
and
the
memory
generates
an
acknowledge condition. Any number of sequential
bytes may be written. If the end of the address range
is reached internally, the address counter will wrap
from 1FFh to 000h.
Unlike other nonvolatile memory technologies, there
is no write delay with FRAM. The entire memory
cycle occurs in less time than a single bus clock.
Therefore any operation including read or write can
occur immediately following a write. Acknowledge
polling, a technique used with EEPROMs to
determine if a write is complete is unnecessary and
will always return a done condition.
An actual memory array write occurs after the 8
th
data bit is transferred. It will be complete before the
acknowledge is sent. Therefore if the user desires to
abort a write without altering the memory contents,
this should be done using a start or stop condition
prior to the 8
th data bit. The FM24CL04 needs no
page buffering.
Pulling write protect high will disable writes to the
entire array. The FM24CL04 will not acknowledge
data bytes that are written when write protect is
asserted. In addition, the address counter will not
increment if writes are attempted. Pulling WP low
(VSS) will deactivate this feature.
Figure 5 below illustrates both a single- and
multiple- byte write.


同様の部品番号 - FM24CL04-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24CL04-S RAMTRON-FM24CL04-S Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
More results

同様の説明 - FM24CL04-S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com