データシートサーチシステム |
|
FM24CL04-S データシート(PDF) 6 Page - List of Unclassifed Manufacturers |
|
FM24CL04-S データシート(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 12 page FM24CL04 Rev. 2.0 July 2003 Page 6 of 12 S A Slave Address 0 Word Address A Data Byte A P By Master By FM24CL04 Start Address & Data Stop Acknowledge Figure 5. Byte Write S A Slave Address 0 Word Address A Data Byte A P By Master By FM24CL04 Start Address & Data Stop Acknowledge Data Byte A Figure 6. Multiple Byte Write Read Operation There are two basic types of read operations. They are current address read and selective address read. In a current address read, the FM24CL04 uses the internal address latch to supply the lower 8 address bits. In a selective read, the user performs a procedure to set these lower address bits to a specific value. Current Address & Sequential Read The FM24CL04 uses an internal latch to supply the lower 8 address bits for a read operation. A current address read uses the existing value in the address latch as a starting place for the read operation. This is the address immediately following that of the last operation. To perform a current address read, the bus master supplies a slave address with the LSB set to 1. This indicates that a read operation is requested. The page select bit in the slave address specifies the block of memory that is used for the read operation. After the acknowledge, the FM24CL04 will begin shifting out data from the current address. The current address is the bit from the slave address combined with the 8 bits that were in the internal address latch. Beginning with the current address, the bus master can read any number of bytes. Thus a sequential read is simply a current address read with multiple byte transfers. After each byte the internal address counter will be incremented. Each time the bus master acknowledges a byte, this indicates that the FM24CL04 should read out the next sequential byte. There are four ways to properly terminate a read operation. Failing to properly terminate the read will most likely create a bus contention as the FM24CL04 attempts to read out additional data onto the bus. The four valid methods are as follows. 1. The bus master issues a no-acknowledge in the 9 th clock cycle and a stop in the 10th clock cycle. This is illustrated in the diagrams below. This is the preferred method. 2. The bus master issues a no-acknowledge in the 9 th clock cycle and a start in the 10th. 3. The bus master issues a stop in the 9 th clock cycle. Bus contention may result. 4. The bus master issues a start in the 9 th clock cycle. Bus contention may result. If the internal address reaches 1FFh it will wrap around to 000h on the next read cycle. Figures 7 and 8 show the proper operation for current address reads. Selective (Random) Read A simple technique allows a user to select a random address location as the starting point for a read operation. This involves using the first two bytes of a write operation to set the internal address byte followed by subsequent read operations. To perform a selective read, the bus master sends out the slave address with the LSB set to 0. This specifies a write operation. According to the write protocol, the bus master then sends the word address byte that is loaded into the internal address latch. After the FM24CL04 acknowledges the word address, the bus master issues a start condition. This simultaneously aborts the write operation and allows the read command to be issued with the slave address LSB set to a 1. The operation is now a current address read. See Figure 9. |
同様の部品番号 - FM24CL04-S |
|
同様の説明 - FM24CL04-S |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |