データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24CL04-S データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 FM24CL04-S
部品情報  4Kb FRAM Serial Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM24CL04-S データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FM24CL04-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 11Page - List of Unclassifed Manufacturers FM24CL04-S Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FM24CL04
Rev. 2.0
July 2003
Page 10 of 12
AC Parameters (TA = -40° C to + 85° C, VDD = 2.7V to 3.65V, CL = 100 pF unless otherwise specified)
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
Notes
fSCL
SCL Clock Frequency
0
100
0
400
0
1000
kHz
tLOW
Clock Low Period
4.7
1.3
0.6
µs
tHIGH
Clock High Period
4.0
0.6
0.4
µs
tAA
SCL Low to SDA Data Out Valid
3
0.9
0.55
µs
tBUF
Bus Free Before New
Transmission
4.7
1.3
0.5
µs
tHD:STA
Start Condition Hold Time
4.0
0.6
0.25
µs
tSU:STA
Start Condition Setup for Repeated
Start
4.7
0.6
0.25
µs
tHD:DAT
Data In Hold
0
0
0
ns
tSU:DAT
Data In Setup
250
100
100
ns
tR
Input Rise Time
1000
300
300
ns
1
tF
Input Fall Time
300
300
100
ns
1
tSU:STO
Stop Condition Setup
4.0
0.6
0.25
µs
tDH
Data Output Hold
(from SCL @ VIL)
0
0
0
ns
tSP
Noise Suppression Time Constant
on SCL, SDA
50
50
50
ns
Notes : All SCL specifications as well as start and stop conditions apply to both read and write operations.
1
This parameter is periodically sampled and not 100% tested.
Capacitance (TA = 25° C, f=1.0 MHz, VDD = 3V)
Symbol
Parameter
Max
Units
Notes
CI/O
Input/output capacitance (SDA)
8
pF
1
CIN
Input capacitance
6
pF
1
Notes
1
This parameter is periodically sampled and not 100% tested.
AC Test Conditions
Input Pulse Levels
0.1 VDD to 0.9 VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Equivalent AC Load Circuit


同様の部品番号 - FM24CL04-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24CL04-S RAMTRON-FM24CL04-S Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
More results

同様の説明 - FM24CL04-S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com