データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS4288C09 データシート(PDF) 10 Page - GSI Technology

部品番号 GS4288C09
部品情報  32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS4288C09 データシート(HTML) 10 Page - GSI Technology

Back Button GS4288C09 Datasheet HTML 6Page - GSI Technology GS4288C09 Datasheet HTML 7Page - GSI Technology GS4288C09 Datasheet HTML 8Page - GSI Technology GS4288C09 Datasheet HTML 9Page - GSI Technology GS4288C09 Datasheet HTML 10Page - GSI Technology GS4288C09 Datasheet HTML 11Page - GSI Technology GS4288C09 Datasheet HTML 12Page - GSI Technology GS4288C09 Datasheet HTML 13Page - GSI Technology GS4288C09 Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
GS4288C09/18/36L
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 7/2014
10/62
© 2011, GSI Technology
DLL Reset
Mode Register Bit 7 (M7) selects DLL Reset as is shown in the Mode Register Definition tables. The default setting for M7 is Low,
whereby the DLL is disabled. Once M7 is set High, 1024 cycles (5
s at 200 MHz) are needed before a Read command can be
issued. The delay allows the internal clock to be synchronized with the external clock. Failing to wait for synchronization to occur
may result in a violation of the tCKQK parameter. A reset of the DLL is necessary if tCK or VDD is changed after the DLL has
already been enabled. To reset the DLL, set M7 is Low. After waiting tMRSC, an MRS command should be issued to set M7 High.
1024 clock cycles must pass before loading the next Read command.
Driver Impedance Mapping
The LLDRAM II is equipped with programmable impedance output buffers. Setting Mode Register Bit 8 (M8) High during the
MRS command activates the feature. Programmable impedance output buffers allow the user to match the driver impedance to the
PCB trace impedance. To adjust the impedance, an external resistor (RQ) is connected between the ZQ ball and V
SS. The value of
the resistor must be five times the desired impedance (e.g., a 300
 resistor produces an output impedance of 60). RQ values of
125
–300 are supported, allowing an output impedance range of 25–60 (+/- 15 %).
The drive impedance of uncompensated output transistors can change over time due to changes in supply voltage and die
temperature. When drive impedance control is enabled in the MRS, the value of RQ is periodically sampled and any needed
impedance update is made automatically. Updates do not affect normal device operation or signal timing.
When Bit M8 is set Low during the MRS command, the output compensation circuits are still active but reference an internal
resistance reference. The internal reference is imprecise and subject to temperature and voltage variations so output buffers are set
to a nominal output impedance of 50
, but are subject to a ±30 percent variance over the Commercial temperature range of the
device.


同様の部品番号 - GS4288C09

メーカー部品番号データシート部品情報
logo
EUROQUARTZ limited
GS42 EUROQUARTZ-GS42 Datasheet
96Kb / 1P
   11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
logo
GTM CORPORATION
GS420SD GTM-GS420SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
E-Tech Electronics LTD
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
logo
GTM CORPORATION
GS421SD GTM-GS421SD Datasheet
150Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
E-Tech Electronics LTD
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
More results

同様の説明 - GS4288C09

メーカー部品番号データシート部品情報
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
GS8256436GD-250I GSI-GS8256436GD-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256418GB-250I GSI-GS8256418GB-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GD-200IV GSI-GS8256436GD-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GB-200IV GSI-GS8256436GB-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256418GD-250I GSI-GS8256418GD-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
logo
Micron Technology
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
   288Mb CIO Reduced Latency
logo
Integrated Silicon Solu...
IS45S81600E ISSI-IS45S81600E Datasheet
870Kb / 61P
   16M x 8, 8M x16 128Mb SYNCHRONOUS DRAM
IS42S81600E ISSI-IS42S81600E Datasheet
934Kb / 61P
   16M x 8, 8M x16 128Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com