データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100ES6011D データシート(PDF) 4 Page - Motorola, Inc

部品番号 MC100ES6011D
部品情報  2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES6011D データシート(HTML) 4 Page - Motorola, Inc

  MC100ES6011D Datasheet HTML 1Page - Motorola, Inc MC100ES6011D Datasheet HTML 2Page - Motorola, Inc MC100ES6011D Datasheet HTML 3Page - Motorola, Inc MC100ES6011D Datasheet HTML 4Page - Motorola, Inc MC100ES6011D Datasheet HTML 5Page - Motorola, Inc MC100ES6011D Datasheet HTML 6Page - Motorola, Inc MC100ES6011D Datasheet HTML 7Page - Motorola, Inc MC100ES6011D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100ES6011
MOTOROLA
4
TIMING SOLUTIONS
Marking Notes:
Trace Code Identification:
“A” — The First character indicates the Assembly location.
“L” — The Second character indicates the Source Wafer Lot Tracking Code.
“Y” — The Third character indicates the “ALPHA CODE” of the year device was assembled.
“W” — The Fourth character indicates the “ALPHA CODE” of the Work Week device was assembled.
Device Nomenclature
8-Lead SOIC Marking
MC100ES6011D
M6011
The “Y” Year ALPHA CODES
The “W” Work Week ALPHA CODES
Year
Month
Work Week Code
1st 6 Months (WW01 – WW26)
2nd 6 Months (WW27 – WW52)
A = 2003
FIRST 6 MONTHS
WW01 – WW26
A = WW01
A = WW27
B = 2003
SECOND 6 MONTHS
WW27 – WW52
B = WW02
B = WW28
C = 2004
FIRST 6 MONTHS
WW01 – WW26
C = WW03
C = WW29
D = 2004
SECOND 6 MONTHS
WW27 – WW52
D = WW04
D = WW30
E = 2005
FIRST 6 MONTHS
WW01 – WW26
E = WW05
E = WW31
F = 2005
SECOND 6 MONTHS
WW27 – WW52
F = WW06
F = WW32
G = 2006
FIRST 6 MONTHS
WW01 – WW26
G = WW07
G = WW33
H = 2006
SECOND 6 MONTHS
WW27 – WW52
H = WW08
H = WW34
I = 2007
FIRST 6 MONTHS
WW01 – WW26
I = WW09
I = WW35
J = 2007
SECOND 6 MONTHS
WW27 – WW52
J = WW10
J = WW36
K = 2008
FIRST 6 MONTHS
WW01 – WW26
K = WW11
K = WW37
L = 2008
SECOND 6 MONTHS
WW27 – WW52
L = WW12
L = WW38
M = 2009
FIRST 6 MONTHS
WW01 – WW26
M = WW13
M = WW39
N = 2009
SECOND 6 MONTHS
WW27 – WW52
N = WW14
N = WW40
O = 2010
FIRST 6 MONTHS
WW01 – WW26
O = WW15
O = WW41
P = 2010
SECOND 6 MONTHS
WW27 – WW52
P = WW16
P = WW42
Q = 2011
FIRST 6 MONTHS
WW01 – WW26
Q = WW17
Q = WW43
R = 2011
SECOND 6 MONTHS
WW27 – WW52
R = WW18
R = WW44
S = 2012
FIRST 6 MONTHS
WW01 – WW26
S = WW19
S = WW45
T = 2012
SECOND 6 MONTHS
WW27 – WW52
T = WW20
T = WW46
U = 2013
FIRST 6 MONTHS
WW01 – WW26
U = WW21
U = WW47
V = 2013
SECOND 6 MONTHS
WW27 – WW52
V = WW22
V = WW48
W = 2014
FIRST 6 MONTHS
WW01 – WW26
W = WW23
W = WW49
X = 2014
SECOND 6 MONTHS
WW27 – WW52
X = WW24
X = WW50
Y = 2015
FIRST 6 MONTHS
WW01 – WW26
Y = WW25
Y = WW51
Z = 2015
SECOND 6 MONTHS
WW27 – WW52
Z = WW26
Z = WW52
= Assembly Location
Marking Example:
XABR
X
= First Lot Assembled of this device in the designated Work Week
A
= 2003 Second 6 Months, WW27 - WW52
B
= WW44 of 2003
R
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC100ES6011D

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
MC100ES6011D RENESAS-MC100ES6011D Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
MC100ES6011DR2 RENESAS-MC100ES6011DR2 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
MC100ES6011DT RENESAS-MC100ES6011DT Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
MC100ES6011DTR2 RENESAS-MC100ES6011DTR2 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
More results

同様の説明 - MC100ES6011D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11_06 Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com