データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS81313LT18 データシート(PDF) 6 Page - GSI Technology

部品番号 GS81313LT18
部品情報  144Mb SigmaDDR-IIIe??Burst of 2 ECCRAM?
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81313LT18 データシート(HTML) 6 Page - GSI Technology

Back Button GS81313LT18 Datasheet HTML 2Page - GSI Technology GS81313LT18 Datasheet HTML 3Page - GSI Technology GS81313LT18 Datasheet HTML 4Page - GSI Technology GS81313LT18 Datasheet HTML 5Page - GSI Technology GS81313LT18 Datasheet HTML 6Page - GSI Technology GS81313LT18 Datasheet HTML 7Page - GSI Technology GS81313LT18 Datasheet HTML 8Page - GSI Technology GS81313LT18 Datasheet HTML 9Page - GSI Technology GS81313LT18 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
GS81313LT18/36GK-833/714/625
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.13 7/2016
6/29
© 2014, GSI Technology
Power-Up and Reset Requirements
For reliability purposes, power supplies must power up simultaneously, or in the following sequence:
VSS, VDD, VDDQ, VREF and inputs.
Power supplies must power down simultaneously, or in the reverse sequence.
After power supplies power up, the following start-up sequence must be followed.
Step 1 (Recommended, but not required): Assert RST High for at least 1ms.
While RST is asserted high:
• The PLL is disabled.
• The states of LD, and R/W control inputs are ignored.
Note: If possible, RST should be asserted High before input clocks begin toggling, and remain asserted High until input clocks are
stable and toggling within specification, in order to prevent unstable, out-of-spec input clocks from causing trouble in the SRAM.
Step 2: Begin toggling input clocks.
After input clocks begin toggling, but not necessarily within specification:
• DQ are placed in the non-Read state, and remain so until the first Read operation.
• QVLD are driven Low, and remain so until the first Read operation.
• CQ, CQ begin toggling, but not necessarily within specification.
Step 3: Wait until input clocks are stable and toggling within specification.
Step 4: De-assert RST Low (if asserted High).
Step 5: Wait at least 224K (229,376) cycles.
During this time:
• Driver and ODT impedances are calibrated. Can take up to 160K cycles.
• The current source for the PLL is calibrated (based on RCS pin). Can take up to 64K cycles.
Note: The PLL pin may be asserted High or de-asserted Low during this time. If asserted High, PLL synchronization begins
immediately after the current source for the PLL is calibrated. If de-asserted Low, PLL synchronization begins after the PLL pin is
asserted High (see Step 6). In either case, Step 7 must follow thereafter.
Step 6: Assert PLL pin High (if de-asserted Low).
Step 7: Wait at least 64K (65,536) cycles for the PLL to lock.
After the PLL has locked:
• CQ, CQ begin toggling within specification.
Step 8: Begin initiating Read and Write operations.
Reset Usage
Although not generally recommended, RST may be asserted High at any time after completion of the initial power-up sequence
described above, to reset the SRAM control logic to its initial power-on state. However, whenever RST is subsequently de-asserted
Low (as in Step 4 above), Steps 5~7 above must be followed before Read and Write operations are initiated.
Note: Memory array content may be perturbed/corrupted when RST is asserted High.


同様の部品番号 - GS81313LT18

メーカー部品番号データシート部品情報
logo
GSI Technology
GS81313LD18 GSI-GS81313LD18 Datasheet
357Kb / 26P
   144Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS81313LD36GK-625 GSI-GS81313LD36GK-625 Datasheet
369Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625I GSI-GS81313LD36GK-625I Datasheet
357Kb / 25P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-714I GSI-GS81313LD36GK-714I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-833I GSI-GS81313LD36GK-833I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
More results

同様の説明 - GS81313LT18

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8673ET18 GSI-GS8673ET18 Datasheet
454Kb / 34P
   72Mb SigmaDDR-IIIe??Burst of 2 ECCRAM?
GS8673ET18BGK-675I GSI-GS8673ET18BGK-675I Datasheet
293Kb / 35P
   72Mb SigmaDDR-IIIe??Burst of 2 ECCRAM?
GS81313LQ18GK-800 GSI-GS81313LQ18GK-800 Datasheet
352Kb / 26P
   144Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS81313LQ18 GSI-GS81313LQ18 Datasheet
352Kb / 26P
   144Mb SigmaQuad-IIIe??Burst of 2 ECCRAM?
GS81314LT19 GSI-GS81314LT19 Datasheet
513Kb / 42P
   144Mb SigmaDDR-IVe??Burst of 2 Single-Bank ECCRAM?
GS81314PT18 GSI-GS81314PT18 Datasheet
497Kb / 40P
   144Mb SigmaDDR-IVe??Burst of 2 Single-Bank ECCRAM?
GS81313LD18 GSI-GS81313LD18 Datasheet
357Kb / 26P
   144Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673EQ18BK-550 GSI-GS8673EQ18BK-550 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS8673EQ18BK-500 GSI-GS8673EQ18BK-500 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS8673EQ18BGK-550I GSI-GS8673EQ18BGK-550I Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 2 ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com