データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA20-11SYKWA データシート(PDF) 1 Page - Kingbright Corporation

部品番号 TA20-11SYKWA
部品情報  50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TA20-11SYKWA データシート(HTML) 1 Page - Kingbright Corporation

  TA20-11SYKWA Datasheet HTML 1Page - Kingbright Corporation TA20-11SYKWA Datasheet HTML 2Page - Kingbright Corporation TA20-11SYKWA Datasheet HTML 3Page - Kingbright Corporation TA20-11SYKWA Datasheet HTML 4Page - Kingbright Corporation TA20-11SYKWA Datasheet HTML 5Page - Kingbright Corporation TA20-11SYKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAM8568
REV NO: V.2A
DATE: MAR/20/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: P.Cheng
ERP: 1332000164
50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
Part Number: TA20-11SYKWA
Super Bright Yellow
Features
2.0 inch matrix height.
Dot size 5mm.
Low current operation.
High contrast and light output.
Stackable horizontally.
Easy mounting on P.C. boards or sockets.
Categorized for luminous intensity.
Mechanically rugged.
Standard : gray face, white dot.
RoHS compliant.
Description
The Super Bright Yellow device is made with AlGaInP (on
GaAs substrate) light emitting diode chip.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.


同様の部品番号 - TA20-11SYKWA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TA20-11SRWA ETC-TA20-11SRWA Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SURKWA KINGBRIGHT-TA20-11SURKWA Datasheet
342Kb / 6P
   50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
More results

同様の説明 - TA20-11SYKWA

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
TA20-11CGKWA KINGBRIGHT-TA20-11CGKWA Datasheet
341Kb / 6P
   50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SURKWA KINGBRIGHT-TA20-11SURKWA Datasheet
342Kb / 6P
   50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
XMUR50C ETC1-XMUR50C Datasheet
166Kb / 3P
   50mm (2.0) 5x7 DOT MATRIX DISPLAY
logo
Kingbright Corporation
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-11EGWA KINGBRIGHT-TBA20-11EGWA Datasheet
173Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11CGKWA KINGBRIGHT-TC20-11CGKWA Datasheet
357Kb / 6P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SRWA KINGBRIGHT-TC20-11SRWA Datasheet
146Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11EWA KINGBRIGHT-TA20-11EWA Datasheet
150Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com