データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP227AYMDA データシート(PDF) 7 Page - Analog Devices

部品番号 OP227AYMDA
部品情報  Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP227AYMDA データシート(HTML) 7 Page - Analog Devices

Back Button OP227AYMDA Datasheet HTML 3Page - Analog Devices OP227AYMDA Datasheet HTML 4Page - Analog Devices OP227AYMDA Datasheet HTML 5Page - Analog Devices OP227AYMDA Datasheet HTML 6Page - Analog Devices OP227AYMDA Datasheet HTML 7Page - Analog Devices OP227AYMDA Datasheet HTML 8Page - Analog Devices OP227AYMDA Datasheet HTML 9Page - Analog Devices OP227AYMDA Datasheet HTML 10Page - Analog Devices OP227AYMDA Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. A
–7–
OP227
TOTAL SUPPLY VOLTAGE – V
10
2
5
9
6
5
4
3
8
7
10
15
20
25
30
35
40
45
TA = +25 C
TA = +125 C
TA = –55 C
TPC 9. Supply Current vs. Supply
Voltage
TIME AFTER POWER ON – MINUTES
10
0
01
5
23
4
5
TA = 25 C
VS = 15V
OP227G
TPC 12. Warm-Up Drift
TEMPERATURE – C
50
0
–75
40
30
20
10
–50 –25
0
25
50
75
100 125
VS = 15V
TPC 15. Input Offset Current vs.
Temperature
TEMPERATURE – C
120
–75–55–35–15 5 25 45 65 85 105125145165
100
80
60
40
20
0
–20
–40
–60
–80
–100
TPC 10. Offset Voltage Drift of
Representative Units
TIME – Sec
30
0
–20
25
20
15
10
5
020
40
6080
100
THERMAL
SHOCK
RESPONSE
BAND
DEVICE IMMERSED
IN 70 C OIL BATH
VS = 15V
TA = 25 C TA = 70 C
TPC 13. Offset Voltage Change Due to
Thermal Shock
FREQUENCY – Hz
130
1
110
90
70
50
30
10
–10
10
100
1k
10k 100k 1M 10M 100M
TPC 16. Open-Loop Gain vs. Frequency
TIME – MONTHS
5
0
23456789 10
4
–1
3
1
2
0
–2
–3
–4
–5
111 12
0.2 V/MO.
0.2 V/MO.
0.2 V/MO.
TPC 11. Offset Voltage Stability
with Time
TEMPERATURE – C
50
–50
40
30
20
10
0
–25
0
25
50
75
100 125 150
VS = 15V
TPC 14. Input Bias Current vs.
Temperature
TEMERATURE – C
70
–75
60
50
4
3
2
–50 –25
0
25
50
75
100 125
10
9
8
7
8
M
GBW
SLEW
VS = 15V
TPC 17. Slew Rate, Gain Bandwidth
Product, Phase Margin vs. Temperature


同様の部品番号 - OP227AYMDA

メーカー部品番号データシート部品情報
logo
Analog Devices
OP227 AD-OP227 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
logo
List of Unclassifed Man...
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
OP227 AD-OP227_15 Datasheet
487Kb / 16P
   Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
More results

同様の説明 - OP227AYMDA

メーカー部品番号データシート部品情報
logo
Analog Devices
OP227 AD-OP227_15 Datasheet
487Kb / 16P
   Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
OP-227 AD-OP-227 Datasheet
735Kb / 12P
   DUAL, LOW-NOISE LOW OFFSET INSTRUMENTATION OPERATIONAL AMPLIFIER
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com