データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74VMEH22501DGVR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74VMEH22501DGVR
部品情報  8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501DGVR データシート(HTML) 11 Page - Texas Instruments

Back Button SN74VMEH22501DGVR Datasheet HTML 7Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 8Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 9Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 10Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 11Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 12Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 13Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 14Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SN74VMEH22501
8BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1BIT BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3STATE OUTPUTS
SCES357E − JULY 2001 − REVISED MARCH 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
skew characteristics for UBT for specific worst-case VCC and temperature within the
recommended ranges of supply voltage and operating free-air temperature (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tsk(LH)
3A
3B
1.3
ns
tsk(HL)
3A
3B
1.1
ns
tsk(LH)
CLKAB
3B
0.8
ns
tsk(HL)
CLKAB
3B
0.8
ns
tsk(LH)
3B
3A
0.7
ns
tsk(HL)
3B
3A
0.6
ns
tsk(LH)
CLKBA
3A
0.7
ns
tsk(HL)
CLKBA
3A
0.6
ns
3A
3B
1.9
tsk(t)†
CLKAB
3B
2.1
ns
tsk(t)†
3B
3A
1.2
ns
CLKBA
3A
1
3A
3B
2.8
tsk(pp)
CLKAB
3B
2.7
ns
tsk(pp)
3B
3A
1.3
ns
CLKBA
3A
1.2
† tsk(t) − Output-to-output skew is defined as the absolute value of the difference between the actual propagation delay for all outputs of the same
packaged device. The specifications are given for specific worst-case VCC and temperature and apply to any outputs switching in opposite
directions, both low to high (LH) and high to low (HL) [tsk(t)].


同様の部品番号 - SN74VMEH22501DGVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74VMEH22501DGVR TI-SN74VMEH22501DGVR Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
More results

同様の説明 - SN74VMEH22501DGVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501_10 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com