データシートサーチシステム |
|
SN74VMEH22501GQLR データシート(PDF) 8 Page - Texas Instruments |
|
SN74VMEH22501GQLR データシート(HTML) 8 Page - Texas Instruments |
8 / 25 page SN74VMEH22501 8BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3STATE OUTPUTS SCES357E − JULY 2001 − REVISED MARCH 2004 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range for A and B ports (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VCC = 3.45 V, IO = 0, Outputs high 30 ICC VCC = 3.45 V, IO = 0, VI = VCC or GND Outputs low 30 mA ICC VI = VCC or GND Outputs disabled 30 mA ICCD VCC = 3.45 V, IO = 0, VI = VCC or GND, One data input switching at Outputs enabled 76 µA/ clock ICCD ICC One data input switching at one-half clock frequency, 50% duty cycle Outputs disabled 19 clock MHz/ input ∆ICCh VCC = 3.15 V to 3.45 V, One input at VCC − 0.6 V, Other inputs at VCC or GND 750 µA Ci 1A and 2A inputs VI = 3.15 V or 0 2.8 pF Ci Control inputs VI = 3.15 V or 0 2.6 pF Co 1Y or 2Y outputs VO = 3.15 V or 0 5.6 pF Cio 3A port VCC = 3.3 V, VO = 3.3 V or 0 7.9 pF Cio Any B port VCC = 3.3 V, VO = 3.3 V or 0 11 12.5 pF † All typical values are at VCC = 3.3 V, TA = 25°C. h This is the increase in supply current for each input that is at the specified TTL voltage level, rather than V CC or GND. live-insertion specifications over recommended operating free-air temperature range for B port PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT ICC (BIAS VCC) VCC = 0 to 3.15 V, BIAS VCC = 3.15 V to 3.45 V, IO(DC) = 0 5 mA ICC (BIAS VCC) VCC = 3.15 V to 3.45 V‡, BIAS VCC = 3.15 V to 3.45 V, IO(DC) = 0 10 µA VO VCC = 0, BIAS VCC = 3.15 V to 3.45 V 1.3 1.5 1.7 V IO VCC = 0 VO = 0, BIAS VCC = 3.15 V −20 −100 A IO VCC = 0 VO = 3 V, BIAS VCC = 3.15 V 20 100 µA † All typical values are at VCC = 3.3 V, TA = 25°C. ‡ VCC − 0.5 V < BIAS VCC |
同様の部品番号 - SN74VMEH22501GQLR |
|
同様の説明 - SN74VMEH22501GQLR |