データシートサーチシステム |
|
LM101A データシート(PDF) 4 Page - National Semiconductor (TI) |
|
|
LM101A データシート(HTML) 4 Page - National Semiconductor (TI) |
4 / 17 page Electrical Characteristics (Note 5) (Continued) T A= TJ Parameter Conditions LM101A/LM201A LM301A Units Min Typ Max Min Typ Max Large Signal Voltage Gain V S = ±15V, VOUT = ±10V 25 15 V/mV R L ≥ 2k Output Voltage Swing V S = ±15V R L = 10 kΩ ±12 ±14 ±12 ±14 V R L = 2kΩ ±10 ±13 ±10 ±13 V Input Voltage Range V S = ±20V ±15 V V S = ±15V +15, −13 ±12 +15, −13 V Common-Mode Rejection Ratio R S ≤ 50 kΩ 80 96 70 90 dB Supply Voltage Rejection Ratio R S ≤ 50 kΩ 80 96 70 96 dB Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.Operating ratings indicate for which the device is functional, but do no guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guarantee spe- cific limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the typical value is a good indication of device performance. Note 3: For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage. Note 4: Continuous short circuit is allowed for case temperatures to 125˚C and ambient temperatures to 75˚C for LM101A/LM201A, and 70˚C and 55˚C respectively for LM301A. Note 5: Unless otherwise specified, these specifications apply for C1 = 30 pF, ±5V ≤ VS ≤ ±20V and −55˚C ≤ TA ≤ +125˚C (LM101A), ±5V ≤ VS ≤ ±20V and −25˚C ≤ TA ≤ +85˚C (LM201A), ±5V ≤ VS ≤ ±15V and 0˚C ≤ TA ≤ +70˚C (LM301A). Note 6: Refer to RETS101AX for LM101A military specifications and RETS101X for LM101 military specifications. Note 7: Human body model, 100 pF discharged through 1.5 k Ω. Guaranteed Performance Characteristics LM101A/LM201A Guaranteed Performance Characteristics LM301A Input Voltage Range DS007752-41 Output Swing DS007752-42 Voltage Gain DS007752-43 Input Voltage Range DS007752-44 Output Swing DS007752-45 Voltage Gain DS007752-46 www.national.com 4 |
同様の部品番号 - LM101A |
|
同様の説明 - LM101A |